Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS8902 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS8902
Description  1 Mbps HIGH CMR ANALOG OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8902 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS8902 Datasheet HTML 4Page - Renesas Technology Corp PS8902 Datasheet HTML 5Page - Renesas Technology Corp PS8902 Datasheet HTML 6Page - Renesas Technology Corp PS8902 Datasheet HTML 7Page - Renesas Technology Corp PS8902 Datasheet HTML 8Page - Renesas Technology Corp PS8902 Datasheet HTML 9Page - Renesas Technology Corp PS8902 Datasheet HTML 10Page - Renesas Technology Corp PS8902 Datasheet HTML 11Page - Renesas Technology Corp PS8902 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PS8902
R08DS0128EJ0100 Rev. 1.00
Page 8 of 15
Aug 24, 2015
TYPICAL CHARACTERISTICS (TA = 25
C, unless otherwise specified)
0
2
4
6
8
10
0
2
4
6
8
10 12 14 16 18 20
0
2
4
6
8
10 12 14 16 18 20
0
1
2
3
4
5
6
0
1
2
3
0
5
10
15
20
25
0.1
1
10
110
100
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
Output Current vs. Output Voltage
Output Voltage vs. Forward Current
Propagation Delay Time vs. Forward Current
Propagation Delay Time vs. Load Resistance
Propagation Delay Time vs. Ambient Temperature
Forward Current IF (mA)
Output Voltage Vo (V)
Forward Current IF (mA)
Load Resistance RL (KΩ)
Ambient Temperature Ta (°C)
IF = 15mA
IF = 10mA
IF = 5mA
IF = 25mA
IF = 20mA
RL = 2.2KΩ
5.6KΩ
Vcc = 5V
RL = 2.2KΩ
Vcc = 5V
IF = 16mA
TPLH
TPLH
TPLH
TPHL
TPHL
TPHL
IF = 16mA
Vcc = 5V
RL = 2.2KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com