Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9B95 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT9B95
Description  RAM Mapping 39횞8 / 43횞4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT9B95 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Rev. 1.10
9
November 25, 2015
HT9B95A/B/G
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
VDD
condition
fLCD1
LCD Frame Frequency
3.3V
Ta=25°C, internal oscillator is used,
LCD frame frequency = 80 Hz
72
80
88
Hz
Ta=25°C, internal oscillator is used,
LCD frame frequency = 71 Hz
63.9
71
78.1
Ta=25°C, internal oscillator is used,
LCD frame frequency = 64 Hz
57.6
64
70.4
Ta=25°C, internal oscillator is used,
LCD frame frequency = 50Hz
45
50
55
fLCD2
LCD Frame Frequency
2.4~
5.5V
Ta=-40 to 85°C, internal oscillator is used,
LCD frame frequency = 80 Hz
56
80
104
Hz
Ta=-40 to 85°C, internal oscillator is used,
LCD frame frequency = 71 Hz
49.7
71
92.3
Ta=-40 to 85°C, internal oscillator is used,
LCD frame frequency = 64 Hz
44.8
64
83.2
Ta=-40 to 85°C, internal oscillator is used,
LCD frame frequency = 50Hz
35.2
50
65
VPOR
VDD Start Voltage to
ensure Poewr-on Reset
100
mV
RRVDD
VDD Rise Rate to ensure
Power-on Reset
0.05
V/ms
tPOR
Minimum Time for VDD to
remain at VPOR to ensure
Power-on Reset
10
ms
I2C Interface Characteristics
Unless otherwise specified, VSS = 0 V; VDD = 2.4V to 5.5V; Ta=-40 to +85°C
Symbol
Parameter
Condition
Min. Max.
Unit
fSCL
Clock frequency
400
kHZ
tBUF
bus free time
Time in which the bus must be free before a
new transmission can start
1.3
μs
tHD: STA
Start condition hold time
After this period, the first clock pulse is
generated.
0.6
μs
tLOW
SCL Low time
1.3
μs
tHIGH
SCL High time
0.6
μs
tSU: STA
Start condition setup time
Only relevant for repeated START condition.
0.6
μs
tHD: DAT
Data hold time
0
ns
tSU: DAT
Data setup time
100
ns
tR
SDA and SCL rise time
Note
0.3
μs
tF
SDA and SCL fall time
Note
0.3
μs
tSU: STO
Stop condition set-up time
0.6
μs
tAA
Output Valid from Clock
0.9
μs
tSP
Input Filter Time Constant
(SDA and SCL Pins)
Noise suppression time
50
ns
Note:Theseparametersareperiodicallysampledbutnot100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com