Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT9B95 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT9B95
Description  RAM Mapping 39횞8 / 43횞4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT9B95 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Rev. 1.10
11
November 25, 2015
HT9B95A/B/G
WhentheHT9B95Adeviceisselected,theLCDRAMmapisimplementedasthefollowingtableshown.
Address
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
Output
00H
SEG0
01H
SEG1
02H
SEG2
03H
SEG3
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
1FH
SEG31
20H
SEG32
21H
SEG33
22H
SEG34
RAM Data
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RAM Mapping of 35x8 Display Mode
WhentheHT9B95B/HT9B95Gdeviceisselectedwith1/8duty,theLCDRAMmapisimplementedasthe
followingtableshown.
Address
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
Output
00H
SEG0
01H
SEG1
02H
SEG2
03H
SEG3
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
23H
SEG35
24H
SEG36
25H
SEG37
26H
SEG38
RAM Data
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RAM Mapping of 39x8 Display Mode
WhentheHT9B95B/HT9B95Gdeviceisselectedwith1/4duty,theLCDRAMmapisimplementedasthe
followingtableshown.
Address COM0
COM1
COM2
COM3
Output
COM0
COM1
COM2
COM3
Output
00H
SEG0
SEG1
01H
SEG2
SEG3
02H
SEG4
SEG5
03H
SEG6
SEG7
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
12H
SEG36
SEG37
13H
SEG38
SEG39
14H
SEG40
SEG41
15H
SEG42
—
—
—
—
—
RAM
Data
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RAM Mapping of 43x4 Display Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com