Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F4530 Datasheet(PDF) 223 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 223 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 216Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 217Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 218Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 219Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 220Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 221Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 222Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 223Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 224Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 223 / 224 page
background image
Rev. 1.00
���
De�e��e� �1� �01�
Rev. 1.00
��3
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
28-pin SSOP (150mil) Outline Dimensions
&

#
"
)
*
+
,
.
+
/
0
=
-
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.�3� BSC
—
B
—
0.154 BSC
—
C
0.008
—
0.01�
C’
—
0.390 BSC
—
D
—
—
0.0�9
E
—
0.0�5 BSC
—
F
0.004
—
0.0098
G
0.01�
—
0.050
H
0.004
—
0.010
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
�.000 BSC
—
B
—
3.900 BSC
—
C
0.�0
—
0.30
C’
—
9.900 BSC
—
D
—
—
1.75
E
—
0.�35 BSC
—
F
0.10
—
0.�5
G
0.41
—
1.�7
H
0.10
—
0.�5
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com