Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT67F4892 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT67F4892
Description  Enhanced A/D Flash MCU with LCD & EEPROM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F4892 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT67F4892 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 188 page
background image
Rev. 1.00
5�
�ove��e� ��� �01�
Rev. 1.00
53
�ove��e� ��� �01�
HT67F4892
Enhanced A/D Flash MCU with LCD & EEPROM
HT67F4892
Enhanced A/D Flash MCU with LCD & EEPROM
Bit2
LVRF:LVRFunctionResetFlag
Describedelsewhere
Bit1
LRF:LVRControlRegisterSoftwareResetFlag
Describedelsewhere
Bit0
WRF:WDTControlRegisterSoftwareResetFlag
0:Notoccur
1:Occurred
ThisbitissethighbytheWDTControlregistersoftwareresetandclearedbythe
applicationprogram.Notethatthisbitcanonlybeclearedtozerobytheapplication
program.
Watchdog Timer Operation
TheWatchdogTimeroperatesbyprovidingadeviceresetwhenitstimeroverflows.Thismeans
thatintheapplicationprogramandduringnormaloperationtheuserhastostrategicallyclearthe
WatchdogTimerbeforeitoverflowstopreventtheWatchdogTimerfromexecutingareset.Thisis
doneusingtheclearwatchdoginstructions.Iftheprogrammalfunctionsforwhateverreason,jumps
toanunknownlocation,orentersanendlessloop,theseclearinstructionswillnotbeexecutedinthe
correctmanner,inwhichcasetheWatchdogTimerwilloverflowandresetthedevice.Therearefive
bits,WE4~WE0,intheWDTCregistertooffertheenable/disablecontrolandresetcontrolofthe
WatchdogTimer.TheWDTfunctionwillbedisabledwhentheWE4~WE0bitsaresettoavalueof
10101BwhiletheWDTfunctionwillbeenablediftheWE4~WE0bitsareequalto01010B.Ifthe
WE4~WE0bitsaresettoanyothervalues,otherthan01010Band10101B,itwillresetthedevice
afteradelaytime,tSRESET.Afterpoweronthesebitswillhaveavalueof01010B.
WE4 ~ WE0 Bits
WDT Function
10101B
Disa�le
01010B
Ena�le
Any othe� values
Reset MCU
Watchdog Timer Enable/Disable Control
Undernormalprogramoperation,aWatchdogTimertime-outwillinitialiseadeviceresetandset
thestatusbitTO.However,ifthesystemisintheSLEEPorIDLEMode,whenaWatchdogTimer
time-outoccurs,theTObitinthestatusregisterwillbesetandonlytheProgramCounterandStack
Pointerwillbereset.ThreemethodscanbeadoptedtoclearthecontentsoftheWatchdogTimer.
ThefirstisaWDTreset,whichmeansacertainvalueexcept01010Band10101Bwrittenintothe
WE4~WE0bitfiled,thesecondisusingtheWatchdogTimersoftwareclearinstructionandthethird
isviaaHALTinstruction.
ThereisonlyonemethodofusingsoftwareinstructiontocleartheWatchdogTimer.Thatistouse
thesingle"CLRWDT"instructiontocleartheWDT.
Themaximumtimeoutperiodiswhenthe218divisionratioisselected.Asanexample,witha
32kHzLIRCoscillatorasitssourceclock,thiswillgiveamaximumwatchdogperiodofaround8
secondsforthe218divisionratio,andaminimumtimeoutof8msforthe28divisionration.
“
CLR WDT”Inst�uction
8-stage Divide�
WDT P�escale�
WE�~WE0 �its
WDTC Registe�
Reset MCU
LXT
fSUB
fSUB/�8
8-to-1 MUX
CLR
WS�~WS0
(fSUB/�8 ~ fSUB/�18)
WDT Ti�e-out
(�8/fSUB ~ �18/fSUB)
LIRC
M
U
X
FSUBC
FSUB�~FSUB0 �its
“
HALT”Inst�uction
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com