| Electronic Components Datasheet Search |
|
HT67F4892 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F4892 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc |
|
13 / 188 page ![]() Rev. 1.00 1� �ove��e� ��� �01� Rev. 1.00 13 �ove��e� ��� �01� HT67F4892 Enhanced A/D Flash MCU with LCD & EEPROM HT67F4892 Enhanced A/D Flash MCU with LCD & EEPROM Pin Name Function OPT I/T O/T Description PD7/SEG7 PD7 PDPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. SEG7 SEGCR0 — A� LCD seg�ent output PE0/COM0 PE0 PEPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. COM0 LCDC0 — A� LCD co��o� output PE1/COM1 PE1 PEPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. COM1 LCDC0 — A� LCD co��o� output PE�/COM� PE� PEPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. COM� LCDC0 — A� LCD co��o� output PE3/COM3 PE3 PEPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. COM3 LCDC0 — A� LCD co��o� output PE�/A��/COM�/ TCK1 PE� PEPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. A�� ACERL A� — ADC input channel � COM� LCDC0 — A� LCD co��o� output TCK1 — ST — TM1 clock input PE5/A�5/COM5/ TCK� PE5 PEPU ST CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high. A�5 ACERL A� — ADC input channel 5 COM5 LCDC0 — A� LCD co��o� output TCK� — ST — TM� clock input PE�/A��/COM� PE� PEPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. A�� ACERL A� — ADC input channel � COM� LCDC0 — A� LCD co��o� output PE7/A�8/COM7 PE7 PEPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. A�8 ACERL A� — ADC input channel 8 COM7 LCDC0 — A� LCD co��o� output PF�/SEG1�/RX PF� PFPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. SEG1� SEGCR� — A� LCD seg�ent output RX UCR1 ST — UART RX se�ial data input pin PF5/SEG17/TX PF5 PFPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. SEG17 SEGCR� — A� LCD seg�ent output TX UCR1 — CMOS UART TX se�ial data output pin PF�/SEG18/I�T0 PF� PFPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. SEG18 SEGCR� — A� LCD seg�ent output I�T0 I�TEG I�TC0 ST — Exte�nal inte��upt 0 PF7/SEG19/I�T1/ TP0_1 PF7 PFPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. SEG19 SEGCR� — A� LCD seg�ent output I�T1 I�TEG I�TC0 ST — Exte�nal inte��upt 1 TP0_1 TMPC ST CMOS TM0 I/O PG0/SEG�� PG0 PGPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. SEG�� SEGCR� — A� LCD seg�ent output PG1/SEG�3 PG1 PGPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. SEG�3 SEGCR� — A� LCD seg�ent output PG�/SEG�5 PG� PGPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. SEG�5 SEGCR3 — A� LCD seg�ent output PG3/SEG�� PG3 PGPU ST CMOS Gene�al pu�pose I/O.Registe� ena�led pull-high. SEG�� SEGCR3 — A� LCD seg�ent output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |