Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1628 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1628
Description  RAM Mapping 116횞2 LCD Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1628 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1628 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1628 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Rev. 1.00
4
December 20, 2016
HT1628
Timing Diagrams
Figure 1
Figure 2
Data
WRB
Clock
WRB, RDB
Clock
50%
50%
50%
50%
tsu1
50%
th1
tCS
Figure 3
First clock
Last clock
CSB
WRB, RDB
Clock
tpd
50%
Figure 4
Data
RDB
Clock
50%
90%
10%
90%
10%
tf
tr
50%
50%
50%
tCLK
tCLK
Valid Data
tsu
th
50%
D.C. Characteristics
Ta = -40°C to +85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Operating Voltage
—
—
2.4
—
5.5
V
IDD1
Operating Current
3V
No load, VDD=VLCD, LCD ON
—
60
120
μA
5V
—
100
200
μA
IDD2
Operating Current
3V
No load , VDD=VLCD, LCD OFF
—
10
20
μA
5V
—
20
40
μA
ISTB
Standby Current
3V
No load, Power Down Mode
—
—
1
μA
5V
—
—
2
μA
VIL
Input Low Voltage
3V
DATA, CSB, WRB, RDB
0
—
0.6
V
5V
0
—
1
V
VIH
Input High Voltage
3V
DATA, CSB, WRB, RDB
2.4
—
3
V
5V
4
—
5
V
IOL1
DATA Sink Current
3V
VOL=0.3V
0.3
0.5
—
mA
5V
VOL=0.5V
0.5
1
—
mA
IOH1
DATA Source Current
3V
VOH=2.7V
-0.3
-0.5
—
mA
5V
VOH=4.5V
-0.5
-1
—
mA
IOL2
LCD Common Sink Current
3V
VOL=0.3V
100
200
—
μA
5V
VOL=0.5V
190
380
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com