Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1629G Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT1629G
Description  240횞2 RAM Mapping LCD Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1629G Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT1629G Datasheet HTML 15Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 16Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 17Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 18Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 19Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 20Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 21Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 22Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 23Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Rev. 1.00
21
November 11, 2016
HT1629G
Application Circuits
DS=‘1’, static
HT1629G
DI
COM0
SEG0 ~ SEG239
VDD
VLCD
DS
VCAP
MCU
LCD Panel
VSS
VDD
CLK
CSB
LED0
0.1μF
R*4
LED1
LED2
LED3
VDD
VDD
VLCD
0.1μF
CLS
OSC
Note:ValuesoftheRresistorsareselecteddependingonthepowerconsumptionoftheLEDs.
DS=‘0’, 1/2 duty
HT1629G
DI
COM0
SEG0 ~ SEG239
VDD
VLCD
DS
VCAP
MCU
LCD Panel
VSS
VDD
CLK
CSB
LED0
0.1uF
0.1μF
R*4
COM1
R1
R2
LED1
LED2
LED3
VDD
VLCD
0.1μF
CLS
OSC
Notes:1.TheRresistorvaluesareselecteddependingupontheLEDpowerconsumption.
2.TheR1andR2resistorvaluesareselecteddependingontheLCDpanelbiasvoltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com