Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1629G Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1629G
Description  240횞2 RAM Mapping LCD Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1629G Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1629G Datasheet HTML 1Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 2Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 3Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 4Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 5Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 6Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 7Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 8Page - Holtek Semiconductor Inc HT1629G Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rev. 1.00
3
November 11, 2016
HT1629G
COG Chip Dimensions
Item
Number
Size
Unit
X
Y
Chip size
—
9132
794
μm
Chip thickness
—
508±20
μm
Bump spacing
—
20
μm
Bump pitch
—
60
μm
Bump size
Output pad
—
40
100
μm
Input pad
—
40
100
μm
Dummy pad
—
40
100
μm
NC pad
—
40
100
μm
Bump height
All pad
18±3
μm
COG Alignment mark Dimensions
Item
Number
Size
Unit
ALIGN_A
302
20μm
40μm
20μm
40μm
μm
ALIGN_B
151
20μm
40μm
20μm 20μm 20μm
μm
COG Pad Dimensions
Item
Number
Size
Unit
Output pad
—
60μm
40μm
μm
Input pad
Dummy pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com