Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11EBAA Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F11EBAA
Description  Ultra-low power consumption technology
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11EBAA Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F11EBAA Datasheet HTML 35Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 36Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 37Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 38Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 39Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 40Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 41Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 42Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
RL78/G1G
2. ELECTRICAL SPECIFICATIONS
R01DS0241EJ0130 Rev. 1.30
Page 39 of 67
Sep 30, 2016
Note 1.
Transfer rate in the SNOOZE mode is 4800 bps only.
However, the SNOOZE mode cannot be used when FRQSEL4 = 1.
Note 2.
Use it with VDD
Vb.
Note 3.
The maximum operating frequencies of the CPU/peripheral hardware clock (fCLK) are:
HS (high-speed main) mode:
24 MHz (2.7 V
VDD 5.5 V)
LS (low-speed main) mode:
8 MHz (2.7 V
VDD 5.5 V)
Caution
Select the TTL input buffer for the RxDq pin and the N-ch open drain output (VDD tolerance) mode for the TxDq
pin by using port input mode register g (PIMg) and port output mode register g (POMg). For VIH and VIL, see the
DC characteristics with TTL input buffer selected.
Remark 1.
Vb[V]: Communication line voltage
Remark 2.
q: UART number (q = 0, 1), g: PIM and POM number (g = 0, 5)
Remark 3.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03)
Remark 4.
VIH and VIL below are observation points for the AC characteristics of the serial array unit when communicating at
different potentials in UART mode.
4.0 V
VDD 5.5 V, 2.7 V Vb 4.0 V: VIH = 2.2 V, VIL = 0.8 V
2.7 V
VDD < 4.0 V, 2.3 V Vb 2.7 V: VIH = 2.0 V, VIL = 0.5 V
2.7 V
VDD < 3.3 V, 1.6 V Vb 2.0 V: VIH = 1.50 V, VIL = 0.32 V
(6)
Communication at different potential (2.5 V, 3 V) (UART mode)
(TA = -40 to +85
C, 2.7 V VDD 5.5 V, VSS = 0 V)
(1/2)
Parameter
Symbol
Conditions
HS (high-speed main) mode
LS (low-speed main) mode
Unit
MIN.
MAX.
MIN.
MAX.
Transfer rate
Reception
4.0 V
 VDD  5.5 V,
2.7 V
 Vb  4.0 V
fMCK/6 Note 1
fMCK/6 Note 1
bps
Theoretical value of the maximum
transfer rate
fMCK = fCLK Note 3
4.0
1.3
Mbps
2.7 V
 VDD < 4.0 V,
2.3 V
 Vb  2.7 V
fMCK/6 Note 1
fMCK/6 Note 1
bps
Theoretical value of the maximum
transfer rate
fMCK = fCLK Note 3
4.0
1.3
Mbps
2.7 V
 VDD < 3.3 V,
1.6 V
 Vb  2.0 V
fMCK/6
Notes 1, 2
fMCK/6
Notes 1, 2
bps
Theoretical value of the maximum
transfer rate
fMCK = fCLK Note 3
4.0
1.3
Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com