Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F11EBAA Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F11EBAA
Description  Ultra-low power consumption technology
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F11EBAA Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F11EBAA Datasheet HTML 17Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 18Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 19Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 20Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 21Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 22Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 23Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 24Page - Renesas Technology Corp R5F11EBAA Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
RL78/G1G
2. ELECTRICAL SPECIFICATIONS
R01DS0241EJ0130 Rev. 1.30
Page 21 of 67
Sep 30, 2016
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85
C, 2.7 V VDD 5.5 V, VSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage
current, high
ILIH1
P00, P01, P10 to P17, P20 to
P27, P30, P31, P40, P41, P50,
P51, P60 to P63, P70 to P73,
P120, P123, P124, P137, P146,
P147, RESET
VI = VDD
1
A
ILIH2
P121, P122 (X1, X2, EXCLK)
VI = VDD
In input port or
external clock
input
1
A
In resonator
connection
10
A
Input leakage
current, low
ILIL1
P00, P01, P10 to P17, P20 to
P27, P30, P31, P40, P41, P50,
P51, P60 to P63, P70 to P73,
P120, P123, P124, P137, P146,
P147, RESET
VI = VSS
-1
A
ILIL2
P121, P122 (X1, X2, EXCLK)
VI = VSS
In input port or
external clock
input
-1
A
In resonator
connection
-10
A
On-chip pull-up
resistance
RU
P00, P01, P10 to P17, P30, P31,
P40, P41, P50, P51, P60 to P63,
P70 to P73, P120, P146, P147
VI = VSS, in input port
10
20
100
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com