| Electronic Components Datasheet Search |
|
R5F100GD Datasheet(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F100GD Datasheet(HTML) 44 Page - Renesas Technology Corp |
|
44 / 202 page ![]() RL78/G13 1. OUTLINE Page 44 of 196 R01DS0131EJ0330 Rev.3.30 Mar 31, 2016 1.5.11 64-pin products PORT 1 P10 to P17 PORT 2 P20 to P27 8 PORT 3 P30, P31 2 PORT 4 PORT 5 8 PORT 12 P121 to P124 P40 to P43 4 P50 to P55 6 VOLTAGE REGULATOR REGC INTERRUPT CONTROL RAM RL78 CPU CORE POWER ON RESET/ VOLTAGE DETECTOR POR/LVD CONTROL RESET CONTROL SYSTEM CONTROL RESET X1/P121 X2/EXCLK/P122 HIGH-SPEED ON-CHIP OSCILLATOR ON-CHIP DEBUG TOOL0/P40 SERIAL ARRAY UNIT0 (4ch) UART0 UART1 IIC00 RxD0/P11(RxD0/P16) TxD0/P12(TxD0/P17) RxD1/P03 TxD1/P02 SCL00/P10 SDA00/P11 TIMER ARRAY UNIT (8ch) ch2 TI02/TO02/P17 (TI02/TO02/P15) ch3 TI03/TO03/P31 (TI03/TO03/P14) ch0 ch1 ch4 TI04/TO04/P42 (TI04/TO04/P13) ch5 TI05/TO05/P05 (TI05/TO05/P12) ch6 TI06/TO06/P06 (TI06/TO06/P11) ch7 INTP8/P74, INTP9/P75 2 INTP0/P137 INTP3/P30, INTP4/P31 INTP6/P140, INTP7/P141 INTP1/P50, INTP2/P51 RxD2/P14 (RxD2/P76) CSI10 SCK10/P04 SO10/P02 SI10/P03 A/D CONVERTER 8 ANI0/P20 to ANI7/P27 AVREFP/P20 AVREFM/P21 4 P120 PORT 13 P130 P137 CSI11 SCK11/P30 SO11/P51 SI11/P50 IIC01 SCL01/P75 SDA01/P74 IIC10 SCL10/P04 SDA10/P03 IIC11 SCL11/P30 SDA11/P50 TI07/TO07/P41 (TI07/TO07/P10) TI00/P00 TO00/P01 BCD ADJUSTMENT SCK00/P10(SCK00/P55) SO00/P12(SO00/P17) SI00/P11(SI00/P16) CSI00 VSS, EVSS0 TOOLRxD/P11, TOOLTxD/P12 VDD, EVDD0 SERIAL INTERFACE IICA0 SDAA0/P61(SDAA0/P13) SCLA0/P60(SCLA0/P14) 2 2 2 INTP5/P16(INTP5/P12) MULTIPLIER& DIVIDER, MULITIPLY- ACCUMULATOR XT1/P123 XT2/EXCLKS/P124 PORT 0 P00 to P06 7 BUZZER OUTPUT PCLBUZ0/P140 (PCLBUZ0/P31), PCLBUZ1/P141 (PCLBUZ1/P55) CLOCK OUTPUT CONTROL KEY RETURN 8 KR0/P70 to KR7/P77 WINDOW WATCHDOG TIMER 4 ANI16/P03, ANI17/P02, ANI18/P147, ANI19/P120 SCK01/P75 SO01/P73 SI01/P74 CSI01 SERIAL ARRAY UNIT1 (2ch) UART2 LINSEL IIC20 RxD2/P14(RxD2/P76) TxD2/P13(TxD2/P77) SCL20/P15 SDA20/P14 IIC21 SCL21/P70 SDA21/P71 SCK20/P15 SO20/P13 SI20/P14 CSI20 SCK21/P70 SO21/P72 SI21/P71 CSI21 DIRECT MEMORY ACCESS CONTROL PORT 6 PORT 7 P70 to P77 8 P60 to P63 4 PORT 14 P140, P141, P146, P147 4 2 TI01/TO01/P16 RTC1HZ/P30 RxD2/P14 (RxD2/P76) REAL-TIME CLOCK CODE FLASH MEMORY DATA FLASH MEMORY INTP10/P76(INTP10/P52), INTP11/P77(INTP11/P53) 2 LOW-SPEED ON-CHIP OSCILLATOR CRC 12-BIT INTERVAL TIMER Remark Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register (PIOR). Refer to Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the RL78/G13 User’s Manual. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |