Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMAA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F10WMAA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMAA Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F10WMAA Datasheet HTML 1Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 2Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 3Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 4Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 5Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 6Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 7Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 8Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 126 page
background image
RL78/L13
1. OUTLINE
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 4 of 123
Pin Count
Package
Data Flash
Fields of
ApplicationNote
Ordering Part Number
64 pins
64-pin plastic LQFP
(12
× 12 mm, 0.65
mm pitch)
Mounted
A
R5F10WLAAFA#30, R5F10WLAAFA#50, R5F10WLCAFA#30,
R5F10WLCAFA#50, R5F10WLDAFA#30, R5F10WLDAFA#50,
R5F10WLEAFA#30, R5F10WLEAFA#50, R5F10WLFAFA#30,
R5F10WLFAFA#50, R5F10WLGAFA#30, R5F10WLGAFA#50
64-pin plastic LFQFP
(10
× 10 mm, 0.5
mm pitch)
Mounted
A
G
R5F10WLAAFB#30, R5F10WLAAFB#50, R5F10WLCAFB#30,
R5F10WLCAFB#50, R5F10WLDAFB#30, R5F10WLDAFB#50,
R5F10WLEAFB#30, R5F10WLEAFB#50, R5F10WLFAFB#30,
R5F10WLFAFB#50, R5F10WLGAFB#30, R5F10WLGAFB#50,
R5F10WLAGFB#30, R5F10WLAGFB#50, R5F10WLCGFB#30,
R5F10WLCGFB#50, R5F10WLDGFB#30, R5F10WLDGFB#50,
R5F10WLEGFB#30, R5F10WLEGFB#50, R5F10WLFGFB#30,
R5F10WLFGFB#50, R5F10WLGGFB#30, R5F10WLGGFB#50
80 pins
80-pin plastic LQFP
(14
× 14 mm, 0.65
mm pitch)
Mounted
A
R5F10WMAAFA#30, R5F10WMAAFA#50, R5F10WMCAFA#30,
R5F10WMCAFA#50, R5F10WMDAFA#30, R5F10WMDAFA#50,
R5F10WMEAFA#30, R5F10WMEAFA#50, R5F10WMFAFA#30,
R5F10WMFAFA#50, R5F10WMGAFA#30, R5F10WMGAFA#50
80-pin plastic LFQFP
(12
× 12 mm, 0.5
mm pitch)
Mounted
A
G
R5F10WMAAFB#30, R5F10WMAAFB#50, R5F10WMCAFB#30,
R5F10WMCAFB#50, R5F10WMDAFB#30, R5F10WMDAFB#50,
R5F10WMEAFB#30, R5F10WMEAFB#50, R5F10WMFAFB#30,
R5F10WMFAFB#50, R5F10WMGAFB#30, R5F10WMGAFB#50,
R5F10WMAGFB#30, R5F10WMAGFB#50, R5F10WMCGFB#30,
R5F10WMCGFB#50, R5F10WMDGFB#30, R5F10WMDGFB#50,
R5F10WMEGFB#30, R5F10WMEGFB#50, R5F10WMFGFB#30,
R5F10WMFGFB#50, R5F10WMGGFB#30, R5F10WMGGFB#50
Note
For the fields of application, see Figure 1-1 Part Number, Memory Size, and Package of RL78/L13.
Caution
The ordering part numbers represent the numbers at the time of publication. For the latest ordering
part numbers, refer to the target product page of the Renesas Electronics website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com