Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMAA Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F10WMAA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMAA Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F10WMAA Datasheet HTML 45Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 46Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 47Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 48Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 49Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 50Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 51Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 52Page - Renesas Technology Corp R5F10WMAA Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 49 of 123
(8) Communication at different potential (1.8 V, 2.5 V, 3 V) (CSI mode) (slave mode, SCKp... external clock input)
(TA =
−40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle
timeNote 1
tKCY2
4.0 V
≤ VDD ≤ 5.5 V,
2.7 V
≤ Vb ≤
4.0 V
20 MHz < fMCK
12/fMCK
–
–
ns
8 MHz < fMCK
≤ 20 MHz 10/fMCK
–
–
ns
4 MHz < fMCK
≤ 8 MHz
8/fMCK
16/fMCK
–
ns
fMCK
≤ 4 MHz
6/fMCK
10/fMCK
10/fMCK
ns
2.7 V
≤ VDD < 4.0 V,
2.3 V
≤ Vb ≤
2.7 V
20 MHz < fMCK
16/fMCK
–
–
ns
16 MHz < fMCK
≤ 20 MHz 14/fMCK
–
–
ns
8 MHz < fMCK
≤ 16 MHz 12/fMCK
–
–
ns
4 MHz < fMCK
≤ 8 MHz
8/fMCK
16/fMCK
–
ns
fMCK
≤ 4 MHz
6/fMCK
10/fMCK
10/fMCK
ns
1.8 V (2.4 VNote 2)
≤
VDD < 3.3 V,
1.6 V
≤ Vb ≤
2.0 VNote 3
20 MHz < fMCK
36/fMCK
–
–
ns
16 MHz < fMCK
≤ 20 MHz 32/fMCK
–
–
ns
8 MHz < fMCK
≤ 16 MHz 26/fMCK
–
–
ns
4 MHz < fMCK
≤ 8 MHz
16/fMCK
16/fMCK
–
ns
fMCK
≤ 4 MHz
10/fMCK
10/fMCK
10/fMCK
ns
SCKp high-
/low-level width
tKH2,
tKL2
4.0 V
≤ VDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V
tKCY2/2
− 12
tKCY2/2
− 50
tKCY2/2
− 50
ns
2.7 V
≤ VDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V
tKCY2/2
− 18
tKCY2/2
− 50
tKCY2/2
− 50
ns
1.8 V (2.4 VNote 2)
≤ VDD < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 VNote 3
tKCY2/2
− 50
tKCY2/2
− 50
tKCY2/2
− 50
ns
SIp setup time
(to SCKp
↑)Note 4
tSIK2
4.0 V
≤ VDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V
1/fMCK
+ 20
1/fMCK
+ 30
1/fMCK
+ 30
ns
2.7 V
≤ VDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V
1/fMCK
+ 20
1/fMCK
+ 30
1/fMCK
+ 30
ns
1.8 V (2.4 VNote 2)
≤ VDD < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 VNote 3
1/fMCK
+ 30
1/fMCK
+ 30
1/fMCK
+ 30
ns
SIp hold time
(from
SCKp
↑)Note 5
tKSI2
4.0 V
≤ VDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V
1/fMCK
+ 31
1/fMCK
+ 31
1/fMCK
+ 31
ns
2.7 V
≤ VDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V
1/fMCK
+ 31
1/fMCK
+ 31
1/fMCK
+ 31
ns
1.8 V (2.4 VNote 2)
≤ VDD < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 VNote 3
1/fMCK
+ 31
1/fMCK
+ 31
1/fMCK
+ 31
ns
Delay time
from SCKp
↓ to
SOp outputNote 6
tKSO2
4.0 V
≤ VDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 30 pF, Rb = 1.4 k
Ω
2/fMCK
+ 120
2/fMCK
+ 573
2/fMCK
+ 573
ns
2.7 V
≤ VDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
2/fMCK
+ 214
2/fMCK
+ 573
2/fMCK
+ 573
ns
1.8 V (2.4 VNote 2)
≤ VDD < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 VNote 3,
Cb = 30 pF, Rb = 5.5 k
Ω
2/fMCK
+ 573
2/fMCK
+ 573
2/fMCK
+ 573
ns
(Notes and Caution are listed on the next page, and Remarks are listed on the page after the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com