Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMFA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F10WMFA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMFA Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F10WMFA Datasheet HTML 1Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 2Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 3Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 4Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 5Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 6Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 7Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 8Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 126 page
background image
RL78/L13
1. OUTLINE
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 5 of 123
1.3 Pin Configuration (Top View)
1.3.1 64-pin products
• 64-pin plastic LQFP (12 × 12 mm, 0.65 mm pitch)
• 64-pin plastic LFQFP (10 × 10 mm, 0.5 mm pitch)
P02/INTP7/PCLBUZ0/SEG45
P01/(TI05)/(TO05)/INTP5/PCLBUZ1/SEG44
P00/SEG43/SO00/TxD0/TOOLTxD
P17/SEG42/SI00/RxD0/TOOLRxD/SDA00
P16/SEG41/SCK00/SCL00
P15/TI07/TO07/SEG40
P14/TI04/TO04/SEG39
P13/ANI25/SEG38
P12/ANI24/SEG37
P11/ANI23/SEG36
P10/ANI22/SEG35
P27/ANI21/SEG34
P26/ANI20/SEG33
P22/ANI16/SEG29
P21/ANI0/AVREFP
P20/ANI1/AVREFM
1 2 3 4 5
6 7 8 9 10 11 12 13 14 15 16
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
P57/INTP6/SEG11
P70/KR0/SEG12
P74/KR4/SEG16/TKBO00
P75/KR5/SEG17/TKBO01-2
P76/KR6/SEG18/TKBO01-1
P77/KR7/SEG19/TKBO01-0
P30/TI03/TO03/SEG20/REMOOUT
P31/INTP3/RTC1HZ/SEG21
P32/TI01/TO01/SEG22
P33/INTP4/SEG23
P125/VL3/TI06/TO06
VL4
VL2
VL1
P126/CAPL/(TI04)/(TO04)
P127/CAPH/(TI03)/(TO03)/(REMOOUT)
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
RL78/L13
(Top View)
Caution
Connect the REGC pin to VSS via a capacitor (0.47 to 1
μF).
Remarks 1.
For pin identification, see 1.4 Pin Identification.
2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). See Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the
RL78/L13 User’s Manual.
.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com