Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMFA Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R5F10WMFA
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMFA Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R5F10WMFA Datasheet HTML 25Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 26Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 27Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 28Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 29Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 30Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 31Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 32Page - Renesas Technology Corp R5F10WMFA Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 126 page
background image
RL78/L13
2. ELECTRICAL SPECIFICATIONS (TA =
−40 to +85°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 29 of 123
Note
Operation is not possible if 1.6 V
≤ VDD < 1.8 V in LV (low-voltage main) mode while the system is operating on the
subsystem clock.
Remark
fMCK: Timer array unit operation clock frequency
(Operation clock to be set by the CKSmn0, CKSmn1 bits of timer mode register mn (TMRmn)
m: Unit number (m = 0), n: Channel number (n = 0 to 7))
Minimum Instruction Execution Time during Main System Clock Operation
TCY vs VDD (HS (high-speed main) mode)
1.0
0.1
0
10
1.0
2.0
3.0
4.0
5.0
6.0
5.5
2.7
0.01
2.4
0.0417
0.0625
0.05
When the high-speed on-chip oscillator clock is selected
During self programming
When high-speed system clock is selected
Supply voltage VDD [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com