Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMFG Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F10WMFG
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMFG Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F10WMFG Datasheet HTML 69Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 70Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 71Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 72Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 73Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 74Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 75Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 76Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 126 page
background image
RL78/L13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA =
−40 to +105°C)
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 73 of 123
Absolute Maximum Ratings (2/3)
Parameter
Symbol
Conditions
Ratings
Unit
LCD voltage
VL1
VL1 voltageNote 1
−0.3 to +2.8 and
−0.3 to VL4 +0.3
V
VL2
VL2 voltageNote 1
−0.3 to VL4 +0.3Note 2
V
VL3
VL3 voltageNote 1
−0.3 to VL4 +0.3Note 2
V
VL4
VL4 voltageNote 1
−0.3 to +6.5
V
VLCAP
CAPL, CAPH voltageNote 1
−0.3 to VL4 +0.3Note 2
V
VOUT
COM0 to COM7
SEG0 to SEG50
output voltage
External resistance division method
−0.3 to VDD +0.3Note 2
V
Capacitor split method
−0.3 to VDD +0.3Note 2
V
Internal voltage boosting method
−0.3 to VL4 +0.3Note 2
V
Notes 1.
This value only indicates the absolute maximum ratings when applying voltage to the VL1, VL2, VL3, and VL4 pins;
it does not mean that applying voltage to these pins is recommended. When using the internal voltage boosting
method or capacitance split method, connect these pins to VSS via a capacitor (0.47
μF ± 30%) and connect a
capacitor (0.47
μF ± 30%) between the CAPL and CAPH pins.
2.
Must be 6.5 V or lower.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure that
the absolute maximum ratings are not exceeded.
Remark
VSS: Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com