Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10WMFG Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F10WMFG
Description  Ultra-low power consumption technology
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10WMFG Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F10WMFG Datasheet HTML 4Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 5Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 6Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 7Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 8Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 9Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 10Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 11Page - Renesas Technology Corp R5F10WMFG Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 126 page
background image
RL78/L13
1. OUTLINE
R01DS0168EJ0210 Rev.2.10
Aug 12, 2016
Page 8 of 123
1.5 Block Diagram
1.5.1 64-pin products
PORT 1
PORT 2
P20 to P22,
P26, P27
5
PORT 3
P30 to P33
4
PORT 4
PORT 5
P10 to P17
8
P40, P42 to P45
5
P52 to P54, P57
4
VOLTAGE
REGULATOR
REGC
INTERRUPT
CONTROL
RAM
POWER ON RESET/
VOLTAGE
DETECTOR
POR/LVD
CONTROL
RESET CONTROL
SYSTEM
CONTROL
RESET
X1/P121
X2/EXCLK/P122
HIGH-SPEED
ON-CHIP
OSCILLATOR
ON-CHIP DEBUG
TOOL0/P40
SERIAL ARRAY
UNIT0 (4ch)
UART0
UART1
IIC00
RxD0/P17
TxD0/P00
RxD1/P06(RxD1/P43)
TxD1/P07(TxD0/P42)
SCL00/P16
SDA00/P17
TIMER ARRAY
UNIT0 (8ch)
ch2
TI02/TO02/P54
(TI02/TO02/P61)
ch3
TI03/TO03/P30
(TI03/TO03/P127)
ch0
ch1
ch4
TI04/TO04/P14
(TI04/TO04/P126)
ch5
TI05/TO05/P42
(TI05/TO05/P01)
ch6
TI06/TO06/P125
ch7
3
2
INTP0/P137
INTP3/P31,
INTP4/P33
INTP1/P52,
INTP2/P53,
INTP6/P57
RxD0/P17
CSI10
SCK10/P05(SCK10/P44)
SO10/P07(SO10/P42)
SI10/P06(SI10/P43)
A/D CONVERTER
2
ANI0/P21, ANI1/P20
AVREFP/P21
AVREFM/P20
IIC10
SCL10/P05(SCL10/P44)
SDA10/P06(SDA10/P43)
TI07/TO07/P15
BCD
ADJUSTMENT
SO00/P00
SI00/P17
CSI00
VSS
TOOLRxD/P17,
TOOLTxD/P00
VDD
SERIAL
INTERFACE IICA0
SCLA0/P60
SDAA0/P61
2
INTP5/P01,
INTP7/P02(INTP7/P43)
MULTIPLIER&
DIVIDER,
MULITIPLY-
ACCUMULATOR
XT1/P123
XT2/EXCLKS/P124
PORT 0
P00 to P07
8
BUZZER OUTPUT
PCLBUZ0/P02
(PCLBUZ0/P07),
PCLBUZ1/P01
CLOCK OUTPUT
CONTROL
KEY RETURN
5
KR0/P70,
KR4/P74 to KR7/P77
4
ANI22/P10 to ANI25/P13
DIRECT MEMORY
ACCESS CONTROL
PORT 6
PORT 7
P70, P74 to P77
5
P60, P61
2
2
TI01/TO01/P32
(TI01/TO01/P60)
TI00/TO00/P52
(TI00/TO00/P40)
RxD0/P17
3
ANI16/P22,
ANI20/P26, ANI21/P27
PORT 12
P121 to P124
4
P125 to P127
3
SERIAL ARRAY
UNIT1 (4ch)
RxD2/P03
TxD2/P04
UART2
LINSEL
RL78
CPU
CORE
CODE FLASH MEMORY
DATA FLASH MEMORY
SCK00/P16
CRC
WINDOW
WATCHDOG
TIMER
RTC1HZ/P31
REAL-TIME
CLOCK 2
LOW-SPEED
ON-CHIP
OSCILLATOR
12- BIT INTERVAL
TIMER
4
TKBO00/P74, TKBO01-0/P77,
TKBO01-1/P76, TKBO01-2/P75
16-bit TIMER KB20
COMPARATOR
(2ch)
COMPARATOR0
VCOUT0/P03
IVCMP0/P44
IVREF0/P45
COMPARATOR1
VCOUT1/P04
IVCMP1/P43
IVREF1/P42
LCD
CONTROLLER/
DRIVER
COM0 to COM7
36
SEG0 to SEG3, SEG6 to SEG8,
SEG11, SEG12, SEG16 to SEG23,
SEG29, SEG33 to SEG50
8
VL1 to VL4
CAPH
CAPL
RAM SPACE
FOR LCD DATA
PORT 13
P137
Remote Carrier
REMOOUT/P30
(REMOOUT/P127)
Remark
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection
register (PIOR). See Figure 4-8 Format of Peripheral I/O Redirection Register (PIOR) in the RL78/L13
User’s Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com