Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82V48 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82V48
Description  6-Channel, 16-Bit, 120MSPS CIS Analog Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V48 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82V48 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V48 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev. 1.20
4
May 19, 2017
HT82V48
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Zero-scale transition error
Gain=0dB
—
30
—
mV
DNL
Differential non-linearity
—
—
2
—
LSB
INL
Integral non-linearity
—
—
50
—
LSB
Channel to channel gain matching
—
—
1.5
—
%
Total output noise
Min Gain
—
30
—
LSBrms
Max Gain
—
300
—
LSBrms
References
VRT
Upper reference voltage
LOR=0
1.95
2.05
2.25
V
LOR=1
—
1.85
—
V
VRB
LORer reference voltage
LOR=0
0.95
1.05
1.25
V
LOR=1
—
1.25
—
V
CML
Input return bias voltage
—
—
1.5
—
V
VRTB
Differential reference voltage
LOR=0
0.90
1.0
1.10
V
LOR=1
—
0.6
—
V
Clamping(CLP) DAC
Resolution
—
—
4
—
bits
VCSTEP
Step size
CRNG=0
—
0.173
—
V/step
CRNG=1
—
0.11
—
VCBOT
Output voltage at code 0h
—
—
0.4
—
V
VCTOP
Output voltage at code Fh
CRNG=0
—
2.76
—
V
CRNG=1
—
2.05
—
DNL
Differential non-linearity
—
-0.5
—
+0.5
LSB
INL
Integral non-linearity
—
—
+/-1
—
LSB
Offset DAC
Resolution
—
—
8
—
bits
Step size
—
—
2.274
—
mV/step
Output voltage
Code 0x00
—
-290
—
mV
Code 0xFF
—
+290
—
mV
Programmable Gain Amplifier
Resolution
—
—
9
—
bits
Gain equation
—
0.67 + PGA[8:0] × 5.35/511
V/V
GMAX
Max gain, each channel
—
—
6.0
—
V/V
GMIN
Min gain, each channel
—
—
0.65
—
V/V
Channel Matching
—
—
5
15
%
A/D Converter
Resolution
—
—
16
—
bits
Speed
—
—
60
—
MSPS
Full-scale input range
LOR=0
—
2
—
V
LOR=1
—
1.2
—
V
Digital Inputs
VIH
High level input voltage
—
0.7×DVDD
—
—
V
VIL
LOR level input voltage
—
—
—
0.2×DVDD
V
IIH
High level input current
—
—
—
1
μA
IIL
LOR level input current
—
—
—
1
μA
CI
Input capacitance
—
—
5
—
pF
Digital Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com