Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7730SA Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7730SA
Description  200mA PFM Synchronous Step-up DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7730SA Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7730SA Datasheet HTML 2Page - Holtek Semiconductor Inc HT7730SA Datasheet HTML 3Page - Holtek Semiconductor Inc HT7730SA Datasheet HTML 4Page - Holtek Semiconductor Inc HT7730SA Datasheet HTML 5Page - Holtek Semiconductor Inc HT7730SA Datasheet HTML 6Page - Holtek Semiconductor Inc HT7730SA Datasheet HTML 7Page - Holtek Semiconductor Inc HT7730SA Datasheet HTML 8Page - Holtek Semiconductor Inc HT7730SA Datasheet HTML 9Page - Holtek Semiconductor Inc HT7730SA Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Rev. 1.40
6
June 25, 2016
HT77xxSA
Functional Description
TheHT77xxSAisaconstantontimesynchronousstep-
upconverter,whichusesapulsefrequencymodulation
(PFM)controllerscheme.ThePFMcontrolschemeis
inherentlystable.Therequiredinput/outputcapacitor
andinductorselectionswillnotcreatesituationsof
instability.
Thedeviceincludesafullyintegratedsynchronous
rectifierwhichreducescosts(includesreduceLandC
sizes,eliminatesSchottkydiodecostetc.)andboard
area.
Low Voltage Start-up
Thedeviceshaveaverylowstartupvoltagedownto
0.7V.Whenpowerisfirstapplied,thesynchronous
switchwillbeinitiallyoffbutenergywillbetrans-
ferredtotheloadthroughitsintrinsicbodydiode.
Shutdown
Duringnormaldeviceoperation,theCEpinshouldbe
eitherhighorconnectedtotheVOUTpinortheVIN
powersource.Whenthedeviceisintheshutdown
mode,thatiswhentheCEpinispulledlow,theinter-
nalcircuitrywillbeswitchedoff.Duringshutdown,
thePMOSpowertransistorwillbeswitchedoff.
Synchronous Rectification
AdeadtimeexistsbetweentheNchannelandPchan-
nelMOSFETswitchingoperations.Insynchronous
rectification,thePchannelisreplacedbyaSchottky
diode.HerethePchannelswitchmustbecompletely
offbeforetheNchannelswitchisswitchedon.After
eachcycle,a30nsdelaytimeisinsertedtoensurethe
NchannelswitchiscompletelyoffbeforethePchannel
switchisswitchedontomaintainahighefficiency
overawideinputvoltageandoutputpowerrange.
Application Information
Inductor Selection
Selectingasuitableinductorisanimportantconsider-
ationasitisusuallyacompromisesituationbetween
theoutputcurrentrequirements,theinductorsaturation
limitandtheacceptableoutputvoltageripple.Lower
valuesofinductorvaluescanprovidehigheroutput
currentsbutwillsufferfromhigherripplevoltages
andreducedefficiencies.Higherinductorvaluescan
providereducedoutputripplevoltagesandbetter
efficiencies,butwillbelimitedintheiroutputcurrent
capabilities.Forallinductorsitmustbenotedhowever
thatlowercorelossesandlowerDCresistancevalues
willalwaysprovidehigherefficiencies.
Thepeakinductorcurrentcanbecalculatedusingthe
followingequation:
OSC
OUT
IN
OUT
IN
IN
O
OUT
PEAK
L
f
L
V
V
V
V
V
I
V
I
×
×
×
−
×
+
×
×
=
2
)
(
)
(
η
Where
VIN=InputVoltage
VOUT=OutputVoltage
IO=OutputCurrent
η=Efficiency
L=Inductor
Capacitor Selection
Astheoutputcapacitorselectedaffectsbothefficien-
cyandoutputripplevoltage,itmustbechosenwith
caretoachievebestresultsfromtheconverter.Output
voltagerippleistheproductofthepeakinductorcurrent
andtheoutputcapacitorequivalentseriesresistance
orESRforshort.ItisimportantthatlowESRvalue
capacitorsareusedtoachieveoptimumperformance.
OnemethodtoachievelowESRvaluesistoconnect
twoormorefiltercapacitorsinparallel.Thecapacitors
valuesandratedvoltagesareonlysuggestedvalues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com