Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7750SA Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7750SA
Description  200mA PFM Synchronous Step-up DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7750SA Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7750SA Datasheet HTML 1Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 2Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 3Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 4Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 5Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 6Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 7Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 8Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev. 1.50
1
June 25, 2016
Rev. 1.00
PB
June 25, 2016
HT77xxSA
200mA PFM Synchronous
Step-up DC/DC Converter
Features
• Lowstart-upvoltage:0.7V(Typ.)
• Highefficiency:2.7V≤ VOUT≤ 5.0Vupper90%
(Typ.)
• Highoutputvoltageaccuracy:±2.5%
• Outputvoltage:2.7V,3.0V,3.3V,3.7V,5.0V
• Outputcurrentupto200mA
• UltralowsupplycurrentIDD:5μA(Typ.)
• Lowrippleandlownoise
• Lowshutdowncurrent:0.1μA(Typ.)
• TO92,SOT89,SOT23andSOT23-5package
Applications
• Palmtops/PDAs
• Portablecommunicators/Smartphones
• Cameras/Camcorders
• Battery-poweredequipment
General Description
TheHT77xxSAdevicesareahighefficiencyPFMsyn-
chronousstep-upDC-DCconverterserieswhichare
designedtooperatewithbothwirewoundchippower
inductorsandalsowithmulti-layeredchippower
inductors.Thedeviceserieshavetheadvantagesof
extremelylowstart-upvoltageaswellashighoutput
voltageaccuracy.BeingmanufacturedusingCMOS
technologyensuresultralowsupplycurrent.Because
oftheirhigheroperatingfrequency,upto500kHz,the
deviceshavethebenefitsofrequiringsmalleroutline
typelowervalueexternalinductorsandcapacitors.The
higheroperatingfrequencyalsoofferstheadvantages
ofmuchreducedaudiofrequencynoise.Thedevices
requireonlythreeexternalcomponentstoprovidea
fixedoutputvoltageof2.7V,3.0V,3.3V,3.7Vor5.0V.
TheHT77xxSAdevicesincludeaninternaloscillator,
PFMcontrolcircuit,drivertransistor,referencevolt-
ageunitandahighspeedcomparator.Theyemploy
pulsefrequencymodulationtechniques,toobtain
minimumsupplycurrentandrippleatlightoutput
loading.Thesedevicesareavailableinspacesaving
TO92,SOT89,SOT23andSOT23-5packages.For
SOT23-5packagetypes,theyalsoincludeaninternal
chipenablefunctiontoreducepowerconsumption
whenintheshutdownmode.
Selection Table
Part No.
Output Voltage
Package
Marking
HT7727SA
2.7V
TO92
SOT89
SOT23
SOT23-5
HT77xxSA
(for TO92)
77xxSA
(for SOT89)
xxSA
(for SOT23)
xxSA (for SOT23-5)
HT7730SA
3.0V
HT7733SA
3.3V
HT7737SA
3.7V
HT7750SA
5.0V
Note:″xx″standsforoutputvoltages.


Similar Part No. - HT7750SA

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7750S HOLTEK-HT7750S Datasheet
2Mb / 29P
100mA PFM Synchronous Step-up DC/DC Converter
HT7750S HOLTEK-HT7750S Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
More results

Similar Description - HT7750SA

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S Datasheet
2Mb / 29P
100mA PFM Synchronous Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
Step-Up Synchronous PFM DC/DC Converter
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
PFM Synchronous Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
100mA PFM Synchronous Step-up DC/DC Converter
June 25, 2016
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com