Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7750SA Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT7750SA
Description  200mA PFM Synchronous Step-up DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7750SA Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT7750SA Datasheet HTML 9Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 10Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 11Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 12Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 13Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 14Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 15Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 16Page - Holtek Semiconductor Inc HT7750SA Datasheet HTML 17Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Rev. 1.40
15
June 25, 2016
HT77xxSA
3-pin SOT89 Outline Dimensions
A
E
B
C
D
H
G
F
I
J
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.173
—
0.181
B
0.053
—
0.072
C
0.090
—
0.102
D
0.035
—
0.047
E
0.155
—
0.167
F
0.014
—
0.019
G
0.017
—
0.022
H
—
0.059 BSC
—
I
0.055
—
0.063
J
0.014
—
0.017
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.40
—
4.60
B
1.35
—
1.83
C
2.29
—
2.60
D
0.89
—
1.20
E
3.94
—
4.25
F
0.36
—
0.48
G
0.44
—
0.56
H
—
1.50 BSC
—
I
1.40
—
1.60
J
0.35
—
0.44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com