Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX9292 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSX9292
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9292 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSX9292 Datasheet HTML 10Page - STMicroelectronics TSX9292 Datasheet HTML 11Page - STMicroelectronics TSX9292 Datasheet HTML 12Page - STMicroelectronics TSX9292 Datasheet HTML 13Page - STMicroelectronics TSX9292 Datasheet HTML 14Page - STMicroelectronics TSX9292 Datasheet HTML 15Page - STMicroelectronics TSX9292 Datasheet HTML 16Page - STMicroelectronics TSX9292 Datasheet HTML 17Page - STMicroelectronics TSX9292 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Electrical characteristics
TSX9291, TSX9292
14/31
DocID024568 Rev 4
Figure 20. Bode diagram at VCC = 16 V and
RL = 2 kΩ, CL = 20 pF
Figure 21. Slew rate vs. supply voltage and
temperature
1
10
100
1000
10000
-40
-20
0
20
40
-250
-200
-150
-100
-50
0
50
100
150
200
250
Frequency (kHz)
Gain
Phase
Vcc=16V, Vicm=8V, G=100
Rl=2.2kΩ, Cl=20pF, VRl=Vcc/2
T=125°C
T=-40°C
T=25°C
4.0
4.0 5.0 6.0
6.0 7.0 8.0
8.0 9.0 10.0
10.011.012.0
12.013.014.0
14.015.016.0
16.0
-30
-20
-20
-10
00
10
20
20
30
SR positive
T=-40°C
T=25°C
Vicm=VRl=Vcc/2
Rl=10kΩ, Cl=20pF
Vin from 0.5V to Vcc-0.5V
T=125°C
SR negative
Vcc (V)
Figure 22. Small signal overshoot vs capacitive
load without feedback capacitor Cf
Figure 23. Small step response with G = +2
10
100
00
10
20
20
30
40
40
50
60
60
70
80
80
Vcc=16V,
100mVpp,
G=-1; Rf=Rg=1kΩ
Rl=10kΩ
Load capacitance (pF)
-400.0n
0.0
400.0n
800.0n
1.2µ
-0.15
-0.10
-0.10
-0.05
0.00
0.00
0.05
0.10
0.10
0.15
Vcc = 16V
Rl=10kΩ;Cl=20pF
G=2; Rf=Rg=1kΩ
T=25°C
Time (s)
Figure 24. Small step response with feedback
capacitor
Figure 25. Large step response
-400.0n
0.0
400.0n
800.0n
1.2µ
-0.15
-0.10
-0.10
-0.05
0.00
0.00
0.05
0.10
0.10
0.15
Cf=12pF
Cf=8pF
Cf=5pF
Cf=0pF
Vcc = 16V
Rl=10kΩ;Cl=20pF
G=-1; Rf=Rg=1kΩ
T=25°C
Time (s)
-400.0n
0.0
400.0n
800.0n
1.2µ
-3.00
-2.00
-2.00
-1.00
0.00
0.00
1.00
2.00
2.00
3.00
Vcc = 16V
Rl=10kΩ;Cl=20pF
G=-1; Rf=Rg=1kΩ
T=25°C
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com