Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSX9292 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSX9292
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9292 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSX9292 Datasheet HTML 20Page - STMicroelectronics TSX9292 Datasheet HTML 21Page - STMicroelectronics TSX9292 Datasheet HTML 22Page - STMicroelectronics TSX9292 Datasheet HTML 23Page - STMicroelectronics TSX9292 Datasheet HTML 24Page - STMicroelectronics TSX9292 Datasheet HTML 25Page - STMicroelectronics TSX9292 Datasheet HTML 26Page - STMicroelectronics TSX9292 Datasheet HTML 27Page - STMicroelectronics TSX9292 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Application information
TSX9291, TSX9292
24/31
DocID024568 Rev 4
4.9
High speed photodiode
The TSX929x series is an excellent choice for current to voltage (I-V) conversions. Due to
the CMOS technology, the input bias currents are extremely low. Moreover, the low noise
and high unity-gain bandwidth of TSX9291 TSX9292 make them particularly suitable for
high-speed photodiode preamplifier applications.
The photodiode is considered as a capacitive current source. The input capacitance, CIN,
includes the parasitic input common mode capacitance, CCM (3pF), and the input differential
mode capacitance, CDIFF (8pF). CIN acts in parallel with the intrinsic capacitance of the
photodiode, CD. At higher frequencies, the capacitors affect the circuit response. The output
capacitance of a current sensor has a strong effect on the stability of the op-amp feedback
loop.
CF stabilizes the gain and limits the transimpedance bandwidth. To ensure good stability
and to obtain good noise performance, CF can be set as shown in Equation 10.
Equation 10
where,
• CIN = CCM + CDIFF = 11 pF
• CDIFF is the differential input capacitance: 8 pF typical
• CCM is the Common mode input capacitance: 3 pF typical
• CD is the intrinsic capacitance of the photodiode
• CSMR is the parasitic capacitance of the surface mount RF resistor: 0.2 pF typical
• FGBP is the gain bandwidth product: 10 MHz at 16 V
RF fixes the gain as shown in Equation 11.
Equation 11
Figure 42. High speed photodiode
CF
CIN CD
+
2
π RF FGBP
⋅⋅
⋅
--------------------------------------------------
CSMR
–
>
VOUT
RF ID
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com