Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L0X Datasheet(PDF) 13 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 9Page - STMicroelectronics VL53L0X Datasheet HTML 10Page - STMicroelectronics VL53L0X Datasheet HTML 11Page - STMicroelectronics VL53L0X Datasheet HTML 12Page - STMicroelectronics VL53L0X Datasheet HTML 13Page - STMicroelectronics VL53L0X Datasheet HTML 14Page - STMicroelectronics VL53L0X Datasheet HTML 15Page - STMicroelectronics VL53L0X Datasheet HTML 16Page - STMicroelectronics VL53L0X Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DocID029104 Rev 1
13/40
VL53L0X
Functional description
37
2.4
Ranging operating modes
There are 3 ranging modes available in the API:
1.
Single ranging
Ranging is performed only once after the API function is called.
System returns to SW standby automatically.
2.
Continuous ranging
Ranging is performed in a continuous way after the API function is called. As soon as
the measurement is finished, another one is started without delay.
User has to stop the ranging to return to SW standby. The last measurement is
completed before stopping.
3.
Timed ranging
Ranging is performed in a continuous way after the API function is called. When a
measurement is finished, another one is started after a user defined delay.
This delay (inter-measurement period) can be defined through the API.
User has to stop the ranging to return to SW standby.
If the stop request comes during a range measurement, the measurement is completed
before stopping. If it happens during an inter-measurement period, the range measurement
stops immediately.
2.5
Ranging profiles
There are 4 different ranging profiles available via API example code. Customers can create
their own ranging profile dependent on their use case performance requirements.
For more details please refer to the VL53L0X API User Manual.
1.
Default mode
2.
High speed
3.
High accuracy
4.
Long range
2.6
Ranging profile phases
Each range profile consists of 3 consecutive phases:
•
Initialization and load calibration data
•
Ranging
•
Digital housekeeping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com