Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L0X Datasheet(PDF) 26 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 22Page - STMicroelectronics VL53L0X Datasheet HTML 23Page - STMicroelectronics VL53L0X Datasheet HTML 24Page - STMicroelectronics VL53L0X Datasheet HTML 25Page - STMicroelectronics VL53L0X Datasheet HTML 26Page - STMicroelectronics VL53L0X Datasheet HTML 27Page - STMicroelectronics VL53L0X Datasheet HTML 28Page - STMicroelectronics VL53L0X Datasheet HTML 29Page - STMicroelectronics VL53L0X Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
Performance
VL53L0X
26/40
DocID029104 Rev 1
Figure 21. Typical ranging - Long range mode
5.2
Max ranging distance
Table 11 presents the ranging specification for VL53L0X bare module, without cover glass,
at room temperature (23degreesC) and with nominal voltage (2.8Volts).
Note (1): using long range API profile
API_RangeValue (mm) vs. Actual Target Distance (mm)
Reflectance
grey17
white88
Actual Target Distance (mm)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
Table 11. Max ranging capabilities with 33ms timing budget
Target reflectance
level (Full FOV)
Conditions
Indoor
(2)
Outdoor overcast
(2)
White Target (88%)
Typical
200cm+ (1)
80cm
Minimum
120cm
60cm
Grey Target (17%)
Typical
80cm
50cm
Minimum
70cm
40cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com