Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5E025ASOTR-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN5E025ASOTR-E
Description  Single channel high-side driver with analog current sense for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E025ASOTR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN5E025ASOTR-E Datasheet HTML 5Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 6Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 7Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 8Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 9Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 10Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 11Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 12Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
VN5E025ASO-E
Electrical specifications
Doc ID 022463 Rev 5
9/37
Ron
On-state resistance
IOUT = 3 A; Tj =25°C
25
m
Ω
IOUT = 3 A; Tj =150°C
50
m
Ω
IOUT = 3 A; VCC =5 V; Tj =25°C
35
m
Ω
Vclamp
Clamp voltage
IS = 20 mA
41
46
52
V
IS
Supply current
Off-state; VCC =13V; Tj =25°C;
VIN =VOUT =VSENSE =VCSD =0 V
2(1)
5(1)
µA
On-state; VCC =13 V; VIN =5 V;
IOUT =0 A
1.5
3
mA
IL(off1)
Off-state output current
VIN =VOUT =0 V; VCC =13 V;
Tj =25°C
00.01
3
µA
VIN =VOUT =0 V; VCC =13 V;
Tj = 125°C
05
µA
VF
Output - VCC diode
voltage
-IOUT = 2 A; Tj = 150°C
0.7
V
1.
PowerMOS leakage included.
Table 6.
Switching characteristics (VCC =13V, Tj =25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL =4.3 Ω
(see Figure 6)
—15
—
µs
td(off)
Turn-off delay time
RL =4.3 Ω
(see Figure 6)
—40
—
µs
(dVOUT/dt)on Turn-on voltage slope
RL =4.3 Ω
—
See
Figure 26
—V
/µs
(dVOUT/dt)off Turn-off voltage slope
RL =4.3 Ω
—
See
Figure 28
—V
/µs
WON
Switching energy losses
during twon
RL =4.3 Ω
(see Figure 6)
—0.4
—
mJ
WOFF
Switching energy losses
during twoff
RL =4.3 Ω
(see Figure 6)
—0.5
—
mJ
Table 7.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN =0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN =2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
Table 5.
Power section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com