Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5E025ASOTR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN5E025ASOTR-E
Description  Single channel high-side driver with analog current sense for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E025ASOTR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN5E025ASOTR-E Datasheet HTML 7Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 8Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 9Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 10Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 11Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 12Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 13Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 14Page - STMicroelectronics VN5E025ASOTR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
VN5E025ASO-E
Electrical specifications
Doc ID 022463 Rev 5
11/37
K1
IOUT/ISENSE
IOUT = 2 A; VSENSE =4 V;
VCSD =0 V;
Tj = -40°C...150°C
Tj = 25°C...150°C
2100
2220
2860
2860
3840
3500
dK1/K1
(1)
Current sense ratio drift
IOUT =2 A; VSENSE =4 V;
VCSD =0 V;
Tj = -40°C...150°C
-10
10
%
K2
IOUT/ISENSE
IOUT =3 A; VSENSE =4 V;
VCSD =0 V;
Tj = -40°C...150°C
Tj = 25°C...150°C
2300
2420
2850
2850
3520
3300
dK2/K2
(1)
Current sense ratio drift
IOUT =3 A; VSENSE =4 V;
VCSD =0 V;
Tj = -40°C...150°C
-7
7
%
K3
IOUT/ISENSE
IOUT =10 A; VSENSE =4 V;
VCSD =0 V;
Tj = -40°C...150°C
Tj = 25°C...150°C
2690
2700
2830
2830
3060
3020
dK3/K3
(1)
Current sense ratio drift
IOUT =10 A; VSENSE =4 V;
VCSD =0 V;
Tj = -40°C...150°C
-4
4
%
ISENSE0
Analog sense leakage
current
IOUT =0 A; VSENSE =0 V;
VCSD =5 V; VIN =0 V;
Tj = -40°C...150°C
01
µA
IOUT =0 A; VSENSE =0 V;
VCSD =0 V; VIN =5 V;
Tj = -40°C...150°C
02
µA
IOUT =2 A; VSENSE =0 V;
VCSD =5 V; VIN =5 V;
Tj = -40°C...150°C
01
µA
IOL
Open-load on-state
current detection
threshold
VIN =5 V, 8V <VCC <18V;
ISENSE =5 µA
530
mA
VSENSE
Max analog sense output
voltage
IOUT =3 A; VCSD =0 V
5
V
VSENSEH
(2)
Analog sense output
voltage in fault condition
VCC =13V; RSENSE =3.9 KΩ
8V
ISENSEH
(2)
Analog sense output
current in fault condition
VCC =13V; VSENSE =5 V
9
mA
tDSENSE1H
Delay response time from
falling edge of CS_DIS pin
VSENSE <4 V;
0.5 A < IOUT <10A;
ISENSE = 90% of ISENSE max
(see Figure 4)
40
100
µs
Table 9.
Current sense (8 V < VCC < 18 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com