Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF351 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # LF351
Description  Single Operational Amplifier (JFET)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LF351 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LF351 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LF351 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LF351 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LF351 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LF351 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
• Internally trimmed offset voltage: 10mV
• Low input bias current : 50pA
• Wide gain bandwidth : 4MHz
• High slew rate : 13V/
µs
• High input impedance : 1012
Ω
Description
The LF351 is JFET input operational amplifier with an inter-
nally compensated input offset voltage. The JFET input
device provides wide bandwidth, low input bias currents and
offset currents.
8-DIP
8-SOP
1
1
Internal Block Diagram
LF351
Single Operational Amplifier (JFET)
TIGER ELECTRONIC CO.,LTD


Similar Part No. - LF351

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351 Datasheet
108Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Oct-1997
logo
Fairchild Semiconductor
LF351 FAIRCHILD-LF351 Datasheet
40Kb / 8P
Single Operational Amplifier (JFET)
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351 Datasheet
742Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Mar-2001
LF351 STMICROELECTRONICS-LF351 Datasheet
622Kb / 14P
Wide bandwidth single JFET operational amplifiers
28-Apr-2008
More results

Similar Description - LF351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KF351 FAIRCHILD-KF351 Datasheet
34Kb / 6P
Single Operational Amplifier (JFET)
LF347 FAIRCHILD-LF347 Datasheet
42Kb / 6P
Quad Operational Amplifier (JFET)
LF351 FAIRCHILD-LF351 Datasheet
40Kb / 8P
Single Operational Amplifier (JFET)
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
Dual Operational Amplifier (JFET)
logo
Texas Instruments
TL080 TI-TL080_06 Datasheet
222Kb / 13P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
Low noise JFET single operational amplifier
30-Jul-2007
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
Low noise JFET single operational amplifier
19-Sep-2008
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LF351MX FAIRCHILD-LF351MX Datasheet
46Kb / 8P
Single Operational Amplifier (JFET)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com