Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3A7 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # S3A7
Description  32-bit ARM Cortex-M4 microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 55Page - Renesas Technology Corp S3A7 Datasheet HTML 56Page - Renesas Technology Corp S3A7 Datasheet HTML 57Page - Renesas Technology Corp S3A7 Datasheet HTML 58Page - Renesas Technology Corp S3A7 Datasheet HTML 59Page - Renesas Technology Corp S3A7 Datasheet HTML 60Page - Renesas Technology Corp S3A7 Datasheet HTML 61Page - Renesas Technology Corp S3A7 Datasheet HTML 62Page - Renesas Technology Corp S3A7 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 59 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
Figure 2.30
PLL clock oscillation start timing (PLL is operated after main clock oscillation has settled)
Figure 2.31
Sub-clock oscillation start timing
2.3.3
Reset Timing
Note 1.
When OFS1.LVDAS = 0.
Note 2.
When OFS1.LVDAS = 1.
Note 3.
When IWDTCR.CKS[3:0] = 0000b.
Table 2.23
Reset timing
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
RES pulse width
At power-on
tRESWP
3
-
-
ms
Figure 2.32
Other than above
tRESW
30
-
-
μs
Figure 2.33
Wait time after RES cancellation
(at power-on)
LVD0: enable*1
tRESWT
-
0.7
-ms
Figure 2.32
LVD0: disable*2
-
0.3
-
Wait time after RES cancellation
(during powered-on state)
LVD0: enable*1
tRESWT2
-
0.5
-
μs
Figure 2.33
LVD0: disable*2
-
0.05
-
Reset period
IWDT*3
tRESWIW
-
1
-IWDT
clock
cycle
Figure 2.34
Internal reset
(except IWDT)
tRESWIR
-
1
-ICLK
cycle
Wait time after Internal reset cancellation
LVD0: enable*1
tRESWT3
-
0.5
-
μs
LVD0: disable*2
-
0.05
-
PLLCCR2.PLLEN
PLL clock
MOSCCR.MOSTP
tMAINOSC
Main clock oscillator output
tPLL
Sub-clock oscillator output
SOSCCR.SOSTP
tSUBOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com