Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3A7 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # S3A7
Description  32-bit ARM Cortex-M4 microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 Datasheet(HTML) 2 Page - Renesas Technology Corp

  S3A7 Datasheet HTML 1Page - Renesas Technology Corp S3A7 Datasheet HTML 2Page - Renesas Technology Corp S3A7 Datasheet HTML 3Page - Renesas Technology Corp S3A7 Datasheet HTML 4Page - Renesas Technology Corp S3A7 Datasheet HTML 5Page - Renesas Technology Corp S3A7 Datasheet HTML 6Page - Renesas Technology Corp S3A7 Datasheet HTML 7Page - Renesas Technology Corp S3A7 Datasheet HTML 8Page - Renesas Technology Corp S3A7 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 2 of 130
Feb 23, 2016
S3A7
1. Overview
1.
Overview
The S3A7 MCU comprises multiple series of software- and pin-compatible ARM-based 32-bit MCUs that share a
common set of Renesas peripherals to facilitate design scalability and efficient platform-based product development.
This MCU provides an optimal combination of low-power, high-performance ARM® Cortex®-M4 core running up to 48
MHz with the following features:
 Up to 1-MB code flash memory
 192-KB SRAM
 Segment LCD Controller (SLCDC)
 Capacitive Touch Sensing Unit (CTSU)
 USB 2.0 Full-Speed Module (USBFS)
 14-bit ADC
 12-bit DAC
 Security features.
1.1
Function Outline
Table 1.1
ARM core
Feature
Functional description
ARM Cortex-M4
 Maximum operating frequency: up to 48 MHz
 ARM Cortex-M4:
- Revision: r0p1-01rel0
- ARMv7E-M architecture profile
- Single Precision Floating Point Unit compliant with the ANSI/IEEE Std 754-2008
 ARM Memory Protection Unit (MPU):
- ARMv7 Protected Memory System Architecture
- 8 protect regions
 SysTick timer:
- Driven by LOCO clock
Table 1.2
Memory
Feature
Functional description
Code flash memory
Maximum 1 MB code flash memory. See section 48, Flash Memory in User's Manual.
Data flash memory
16 KB data flash memory. See section 48, Flash Memory in User's Manual.
Option-Setting Memory
The Option-Setting Memory determines the state of the MCU after a reset.
See section 7, Option-Setting Memory in User's Manual.
Memory Mirror Function (MMF)
The MMF can be configured to mirror the desired application image load address in code flash
memory to the application image link address in the unused memory 23-bit space (memory
mirror space addresses). The user application code is developed and linked to run from this
MMF destination address. The user application code does not need to know the load location
where it is stored in code flash memory. See section 5, Memory Mirror Function (MMF) in
User's Manual.
SRAM
This MCU has an on-chip high-speed SRAM with either parity-bit or Error Correction Code
(ECC). There is an area in SRAM0 that provides error correction capability using ECC. See
section 47, SRAM in User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com