Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7G2 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 7Page - Renesas Technology Corp S7G2 Datasheet HTML 8Page - Renesas Technology Corp S7G2 Datasheet HTML 9Page - Renesas Technology Corp S7G2 Datasheet HTML 10Page - Renesas Technology Corp S7G2 Datasheet HTML 11Page - Renesas Technology Corp S7G2 Datasheet HTML 12Page - Renesas Technology Corp S7G2 Datasheet HTML 13Page - Renesas Technology Corp S7G2 Datasheet HTML 14Page - Renesas Technology Corp S7G2 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 11 of 113
Feb 23, 2016
S7G2
1. Overview
1.4
Function Comparison
Table 1.15
Functional comparison
Function
Part numbers
R7FS7G27H2A01CBD/
R7FS7G27G2A01CBD
R7FS7G27H2A01CBG/
R7FS7G27G2A01CBG
R7FS7G27H3A01CFC/
R7FS7G27G3A01CFC
R7FS7G27H2A01CLK/
R7FS7G27G2A01CLK
R7FS7G27H3A01CFB/
R7FS7G27G3A01CFB
R7FS7G27G3A01CFP
Pin count
224
176
176
145
144
100
Package
BGA
BGA
LQFP
LGA
LQFP
LQFP
Code flash memory
4/3 MB
3 MB
Data flash memory
64 KB
SRAM
640 KB
Parity
608 KB
DED
32 KB
Standby SRAM
8 KB
System
CPU clock
240 MHz
Backup registers
512 bytes
Interrupt control
ICU
Yes
Event link
ELC
Yes
DMA
DTC
Yes
DMAC
8
BUS
External bus
16-bit bus
8-bit bus
SDRAM
Yes
No
Timers
GPT32EH
4
444
4
4
GPT32E
4
444
4
3
GPT32
6
666
6
5
AGT
2
222
2
2
RTC
Yes
WDT/IWDT
Yes
Communication
SCI
10
IIC
32
SPI
2
SSI
21
QSPI
1
Dual-SPI 1
SDHI
2
CAN
2
USBFS
Yes
USBHS
Yes
No
ETHERC
2
RMII 2
RMII 2
RMII 2/MII 1
RMII 1
Analog
ADC12
25
21
21
19
19
16
DAC12
2
ACMPHS
6
TSN
Yes
HMI
CTSU
18
12
12
18
12
KINT
8
Graphics GLCDC
RGB888
RGB565
DRW
Yes
JPEG
Yes
PDC
Yes
No
Data processing
CRC
Yes
DOC
Yes
SRC
Yes
Security
SCE7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com