| Electronic Components Datasheet Search |
|
S7G2 Datasheet(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
S7G2 Datasheet(HTML) 13 Page - Renesas Technology Corp |
|
13 / 116 page ![]() R01DS0262EU0100 Rev.1.00 Page 13 of 113 Feb 23, 2016 S7G2 1. Overview SDRAM interface CKE Output SDRAM clock enable signal. SDCS Output SDRAM chip select signal, active LOW. RAS Output SDRAM low address strobe signal, active LOW. CAS Output SDRAM column address strobe signal, active LOW. WE Output SDRAM write enable signal, active LOW. DQM0 Output SDRAM I/O data mask enable signal for DQ07 to DQ00. DQM1 Output SDRAM I/O data mask enable signal for DQ15 to DQ08. A00 to A15 Output Address bus. DQ00 to DQ15 I/O Data bus. Interrupt NMI Input Non-maskable interrupt request pin. IRQ0 to IRQ15 Input Maskable interrupt request pins. GPT GTETRGA, GTETRGB, GTETRGC, GTETRGD Input External trigger input pins. GTIOC0A to GTIOC13A, GTIOC0B to GTIOC13B I/O Input capture, output compare, or PWM output pins. GTIU Input Hall sensor input pin U. GTIV Input Hall sensor input pin V. GTIW Input Hall sensor input pin W. GTOUUP Output Three-phase PWM output for BLDC motor control (positive U phase). GTOULO Output Three-phase PWM output for BLDC motor control (negative U phase). GTOVUP Output Three-phase PWM output for BLDC motor control (positive V phase). GTOVLO Output Three-phase PWM output for BLDC motor control (negative V phase). GTOWUP Output Three-phase PWM output for BLDC motor control (positive W phase). GTOWLO Output Three-phase PWM output for BLDC motor control (negative W phase). AGT AGTEE0, AGTEE1 Input External event input enable signals. AGTIO0, AGTIO1 I/O External event input and pulse output pins. AGTO0, AGTO1 Output Pulse output pins. AGTOA0, AGTOA1 Output Output compare match A output pins. AGTOB0, AGTOB1 Output Output compare match B output pins. RTC RTCOUT Output Output pin for 1-Hz or 64-Hz clock. RTCIC0 to RTCIC2 Input Time capture event input pins. SCI SCK0 to SCK9 I/O Input/output pins for the clock (clock synchronous mode). RXD0 to RXD9 Input Input pins for received data (asynchronous mode/clock synchronous mode). TXD0 to TXD9 Output Output pins for transmitted data (asynchronous mode/clock synchronous mode). CTS0_RTS0 to CTS9_RTS9 I/O Input/output pins for controlling the start of transmission and reception (asynchronous mode/clock synchronous mode), active LOW. SCL0 to SCL9 I/O Input/output pins for the IIC clock (simple IIC). SDA0 to SDA9 I/O Input/output pins for the IIC data (simple IIC). SCK0 to SCK9 I/O Input/output pins for the clock (simple SPI). MISO0 to MISO9 I/O Input/output pins for slave transmission of data (simple SPI). MOSI0 to MOSI9 I/O Input/output pins for master transmission of data (simple SPI). SS0 to SS9 Input Chip-select input pins (simple SPI), active LOW. IIC SCL0 to SCL2 I/O Input/output pins for the clock. SDA0 to SDA2 I/O Input/output pins for data. Table 1.16 Pin functions (2/5) Function Signal I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |