Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2113 Datasheet(PDF) 1 Page - Rohm

Part # 2SA2113
Description  Medium power transistor (-30V, -2A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2113 Datasheet(HTML) 1 Page - Rohm

  2SA2113 Datasheet HTML 1Page - Rohm 2SA2113 Datasheet HTML 2Page - Rohm 2SA2113 Datasheet HTML 3Page - Rohm 2SA2113 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA2113
Transistor
1/3
Medium power transistor (
−30V, −2A)
2SA2113
!
!
!
!Features
1) High speed switching. (Tf : Typ. : 20ns at IC = −2A)
2) Low saturation voltage, typically
(Typ. :
−200mV at IC = −1A, IB = −0.1A)
3) Strong discharge power for inductive load and
capacitance load.
4) Complements the 2SC5916
!Applications
!
!
!
!External dimensions (Units : mm)
TSMT3
2.8
1.6
0.3
0.6
Each lead has same dimensions
Abbreviated symbol : UX
(1)Base
(2)Emitter
(3)Collector
Low frequency amplifier
High speed switching
!
!
!
!Structure
PNP Silicon epitaxial planar transistor
!
!
!
!Packaging specifications
2SA2113
TL
3000
Type
Package
Code
Taping
Basic ordering unit (pieces)
!
!
!
!Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
−30
−30
−6
−2
500
150
−55~+150
−4
∗1
Unit
V
V
V
A
A
mW
°C
°C
∗2
∗1 Pw=10ms
∗2 Each terminal mounted on a recommended land
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature


Similar Part No. - 2SA2113

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2112 SANYO-2SA2112 Datasheet
28Kb / 4P
High Current Switching Applications
2SA2112 SANYO-2SA2112 Datasheet
487Kb / 7P
High Current Switching Applications
logo
ON Semiconductor
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2112-AN ONSEMI-2SA2112-AN Datasheet
576Kb / 7P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
logo
Sanyo Semicon Device
2SA2112 SANYO-2SA2112_12 Datasheet
487Kb / 7P
High Current Switching Applications
More results

Similar Description - 2SA2113

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1766 ROHM-2SD1766 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 2A)
2SC5916 ROHM-2SC5916 Datasheet
45Kb / 4P
Medium power transistor (30V, 2A)
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
Power transistor (30V, 2A)
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
Medium power transistor (-60V, -2A)
2SD2391 ROHM-2SD2391 Datasheet
73Kb / 4P
Medium Power Transistor ( 60V, 2A)
2SD2391T100Q ROHM-2SD2391T100Q Datasheet
105Kb / 3P
Medium Power Transistor (60V, 2A)
2SAR512P5 ROHM-2SAR512P5 Datasheet
1Mb / 9P
Medium Power Transistors(-30V/-2A)
2SAR512PFRA ROHM-2SAR512PFRA Datasheet
1Mb / 8P
Middle Power Transistor(-30V/-2A)
2SCR512PFRA ROHM-2SCR512PFRA Datasheet
1Mb / 8P
Middle Power Transistor (30V / 2A)
2SB1188 ROHM-2SB1188_V01 Datasheet
134Kb / 4P
Medium power Transistor(32V,2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com