Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B42RE Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT82B42RE
Description  I/O MCU with USB Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42RE Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT82B42RE Datasheet HTML 45Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 46Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 47Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 48Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 49Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 50Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 51Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 52Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
Rev. 1.10
�8
�ove��e� 0�� �01�
Rev. 1.10
�9
�ove��e� 0�� �01�
HT82B42R/HT82B42RE
I/O MCU with USB Interface
USC Register
Bit
7
6
5
4
3
2
1
0
�a�e PS�_CKO PS�_DAO PS�_CKI PS�_DAI RESUME_O URST_FLAG RMOT_WK SUSPE�D
R/W
W
W
R
R
R
R/W
W
R
POR
1
1
0
0
0
0
0
0
Bit7
PS2_CKO:OutputfordrivingUDP/CLKpin,whenthedeviceworksunder3D
PS2mousefunction.Thedefaultvalueis“1”.
Bit6
PS2_DAO:OutputfordrivingUDN/DATApin,whenthedeviceworksunder3D
PS2mousefunction.Thedefaultvalueis“1”.
Bit5
PS2_CKI:UDP/CLKinputdetectbit
0:input“0”
1:input“1”
Bit4
PS2_DAI:UDN/DATAinputdetectbit
0:input“0”
1:input“1”
Bit3
RESUME_O:USBresumeindicationbit
0:SUSPENDbitgoesto“0”
1:leavethesuspendmode
WhentheUSBleavesthesuspendmode,thisbitissetto“1”(setbySIE).Whenthe
RESUMEissetbySIE,aninterruptwillbegeneratedtowake-uptheMCU.Inorder
todetectthesuspendstate,theMCUshouldsetUSBCKENandclearSUSP2(inthe
SCCregister)toenabletheSIEdetectfunction.RESUMEwillbeclearedwhenthe
SUSPENDgoesto“0”.WhentheMCUisdetectingtheSUSPEND,theconditionof
RESUME(causestheMCUtowake-up)shouldbenotedandtakenintoconsideration.
Bit2
URST_FLAG:USBresetindicationbit
0:noUSBreset
1:USBresetoccurred
Thisbitisset/clearedbytheUSBSIE.ThisbitisusedtodetectaUSBreseteventon
theUSBbus.Whenthisbitissetto“1”,thisindicatesthataUSBresethasoccurred
andthataUSBinterruptwillbeinitialized.
Bit1
RMOT_WK:USBremotewake-upcommand
0:noremotewake-up
1:remotewake-up
ItissetbyMCUtoleavetheUSBhostleavingthesuspendmode.Indicatethatthe
USBhostleavesthesuspendmode.
Bit0
SUSPEND:USBsuspendindication
0:notinthesuspendmode
1:enterthesuspendmode
Whenthisbitissetto1(setbySIE),itindicatesthattheUSBbushasenteredthe
suspendmode.TheUSBinterruptisalsotriggeredwhenthisbitchangesfromlowto
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com