Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M9BA Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT82M9BA
Description  USB Mouse Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M9BA Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT82M9BA Datasheet HTML 12Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 13Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 14Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 15Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 16Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
HT82M9BE/HT82M9BA
Rev. 1.80
16
December 22, 2008
also depends on the control register. If the control regis-
ter bit is
²1², the input will read the pad state. If the con-
trol register bit is
²0², the contents of the latches will
move to the internal bus. The latter is possible in the
²read-modify-write² instruction. For output function,
CMOS/NMOS/PMOS configurations can be selected
(NMOS and PMOS are available for PA only). These
control registers are mapped to locations 13H 15H and
17H.
After a chip reset, these input/output lines remain at high
levels or in a floating state (depending on the
pull-high/low options). Each bit of these input/output
latches can be set or cleared by
²SET [m].i² and ²CLR
[m].i
² (m=12H, 14H or 16H) instructions.
Some instructions first input data and then follow the
output operations. For example,
²SET [m].i², ²CLR
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of PA0~PA7, PB4 and PB7 has the capability
of waking-up the device.
There are pull-high/low options available for I/O lines.
Once the pull-high/low option of an I/O line is selected,
the I/O line have pull-high/low resistor. Otherwise, the
pull-high/low resistor is absent. It should be noted that a
non-pull-high/low I/O line operating in input mode will
cause a floating state.
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruction
to avoid consuming power under input floating state.
Low Voltage Reset
- LVR
The microcontroller contains a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device drops to within the range of
0.9V~VLVR such as might occur when changing the bat-
tery, the LVR will automatically reset the device inter-
nally.
The LVR includes the following specifications:
· For a valid LVR signal, a low voltage (0.9V~V
LVR) must
exist for more than 1ms. If the low voltage state does
not exceed 1ms, the LVR will ignore it and will not per-
form a reset function.
· The LVR uses the
²OR² function with the external
RES signal to perform a chip reset.
The relationship between VDD and VLVR is shown below.
Note: VOPR is the voltage range for proper chip opera-
tion at 6MHz or 12MHz system clock.
5 . 5 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
2 . 7 V
2 . 4 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note: *1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before entering the normal operation.
*2: A low voltage has to exist for more than 1ms, after that 1ms delay, the device enters a reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com