Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M9BA Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT82M9BA
Description  USB Mouse Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M9BA Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT82M9BA Datasheet HTML 13Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 14Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 15Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 16Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
HT82M9BE/HT82M9BA
Rev. 1.80
17
December 22, 2008
USB with MCU Interface
There are eight registers, including Pipe_ctrl, Address+Remote_WakeUp, STALL, SIES, MISC, Endpt_EN and
FIFO0~FIFO3 in this buffer function.
Register
Name
Pipe_ctrl
Addr.+
Remote
STALL
SIES
MISC
Endpt_EN FIFO0
FIFO1
FIFO2
FIFO3
Mem. Addr.
41H
42H
43H
45H
46H
47H
48H
49H
4AH
4BH
Register Memory Mapping
Address+Remote_WakeUp register represents current address and remote wake-up function. The initial value is
²00000000² from MSB to LSB.
Register
Address
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01000010B
R/W
Address value
Default value=00000000
Remote Wake-up Function
0: Not this function
1: The function exists
Address+Remote_WakeUp Register
STALL, Pipe_ctrl and Endpt_EN Registers
PIPE register represents whether the endpoint corresponding is accessed by host or not. After ACT_EN signal being
sent out, MCU can check which endpoint had been accessed. This register is set only after the time when host access
the corresponding endpoint.
STALL register shows whether the endpoint corresponding works or not. As soon as the endpoint work improperly, the
bit corresponding must be set.
Pipe_ctrl register is used for configuring IN (Bit=1) or OUT (Bit=0) pipe. The default is define IN pipe. Where Bit0
(DATA0) of the Pipe_ctrl register is used to setting the data toggle of any endpoint (except endpoint 0) using data tog-
gles to the value DATA0. Once the user want the any endpoint (except endpoint 0) using data toggles to the value
DATA0, the user can output a LOW pulse to this bit. The LOW pulse period must at least 10 instruction cycle.
Endpt_EN register is used to enable or disable the corresponding endpoint (except endpoint 0). Enable Endpoint
(Bit=1) or disable Endpoint (Bit=0).
The bitmaps are list as follows:
Register
Name
R/W
Register
Address
Bit7~Bit4
Reserved
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
Pipe_ctrl
R/W
01000001B
¾
Pipe 3
Pipe 2
Pipe 1
Data 0
0000 1110
STALL
R/W
01000011B
¾
Pipe 3
Pipe 2
Pipe 1
Pipe 0
0000 1110
Endpt_EN
R/W
01000111B
¾
Pipe 3
Pipe 2
Pipe 1
Pipe 0
0000 1111
Pipe_ctrl (41H), STALL (43H) and Endpt_EN (47H) Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com