| Electronic Components Datasheet Search |
|
HT86A72 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT86A72 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc |
|
48 / 68 page ![]() HT86Axx/HT86ARxx Rev. 1.10 48 December 12, 2012 S B C R R e g i s t e r b 7 b 0 C K S M 1 M 0 S B E N M L S C S E N W C O L T R F T r a n s m i t t / R e c e i v e F l a g 0 : N o t c o m p l e t e 1 : T r a n s m i s s i o n / r e c e p t i o n c o m p l e t e W r i t e C o l l i s i o n B i t 0 : C o l l i s i o n f r e e 1 : C o l l i s i o n d e t e c t e d S e l e c t i o n S i g n a l E n a b l e / D i s a b l e B i t 0 : S C S f l o a t i n g 1 : E n a b l e M S B / L S B F i r s t B i t 0 : L S B s h i f t f i r s t 1 : M S B s h i f t f i r s t S e r i a l B u s E n a b l e / D i s a b l e B i t 0 : D i s a b l e 1 : E n a b l e D e p e n d e n t u p o n C S E N b i t M a s t e r / S l a v e / B a u d R a t e B i t s M a s t e r , b a u d r a t e : f S I O M a s t e r , b a u d r a t e : f S I O / 4 M a s t e r , b a u d r a t e : f S I O / 1 6 S l a v e m o d e M 1 0 0 1 1 M 0 0 1 0 1 C l o c k S o u r c e S e l e c t B i t 0 : f S I O = f S Y S / 4 1 : f S I O = f S Y S SPI Interface Control Register S C K S C S S D I S D O D 1 / D 6 D 7 / D 0 D 6 / D 1 D 5 / D 2 D 4 / D 3 D 3 / D 4 D 2 / D 5 D 1 / D 6 D 0 / D 7 D 7 / D 0 D 6 / D 1 D 5 / D 2 D 4 / D 3 D 3 / D 4 D 2 / D 5 D 0 / D 7 S B E N = C S E N = 1 a n d w r i t e d a t a t o S B D R S B E N = 1 , C S E N = 0 a n d w r i t e d a t a t o S B D R ( i f p u l l - h i g h e d ) S C K SPI Bus Timing SPI Registers There are two registers associated with the SPI Inter- face. These are the SBCR register which is the control register and the SBDR which is the data register. The SBCR register is used to setup the required setup pa- rameters for the SPI bus and also used to store associ- ated operating flags, while the SBDR register is used for data storage. After Power on, the contents of the SBDR register will be in an unknown condition while the SBCR register will de- fault to the condition below: CKS M1 M0 SBEN MLS CSEN WCOL TRF 0 1 1 00000 Note that data written to the SBDR register will only be written to the TXRX buffer, whereas data read from the SBDR register will actual be read from the register. SPI Bus Enable/Disable To enable the SPI bus and CSEN=1, the SCK, SDI, SDO and SCS lines should all be zero, then wait for data to be written to the SBDR (TXRX bufffer) register. For the Master Mode, after data has been written to the SBDR (TXRX buffer) register then transmission or re- ception will start automatically. When all the data has been transferred the TRF bit should be set. For the Slave Mode, when clock pulses are received on SCK, data in the TXRX buffer will be shifted out or data on SDI will be shifted in. To Disable the SPI bus SCK, SDI, SDO, SCS floating. SPI Operation All communication is carried out using the 4-line inter- face for both Master or Slave Mode. The timing diagram shows the basic operation of the bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |