Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT86A72 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT86A72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A72 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT86A72 Datasheet HTML 47Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 48Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 49Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 50Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 51Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 52Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 53Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 54Page - Holtek Semiconductor Inc HT86A72 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
51
December 12, 2012
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later by the application software.
No.
Options
I/O Options
1
PA0~PA7: wake-up enable or disable (bit option)
2
PA0~PA7: pull-high enable or disable (bit option)
3
PB0~PB7: pull-high enable or disable (bit option)
4
PC0~PC7: pull-high enable or disable (bit option)
5
PD0~PD7: pull-high enable or disable (bit option)
6
PE0~PE7: pull-high enable or disable (bit option)
7
PD pin shared function select: select PD3~PD0 as I/O pins or as serial interface function
Oscillation Option
8
OSC type selection: RC or crystal
9
RTC: enable or disable
Interrupt Option
10
INT Triggering edge: Falling or both
Watchdog Options
11
WDT: enable or disable
12
WDT clock source: WDROSC or T1
13
CLRWDT instructions: 1 or 2 instructions
Low Voltage Reset Option
14
LVR select: enable or disable
Low Voltage Detect Option
15
LVD voltage: 2.2V~2.5V
16
LVD select: enable or disable
17
LVD voltage level control select: Register bits or configuration option
Serial interface Option
18
Serial interface CPOL: falling edge or rising edge
19
Serial interface WCOL: enable or disable
20
Serial interface CSEN: enable or disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com