Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77LE58 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # W77LE58
Description  8-BIT MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W77LE58 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button W77LE58 Datasheet HTML 17Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 18Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 19Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 20Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 21Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 22Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 23Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 24Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
W77LE58/W77L058A
Publication Release Date: April 17, 20067
- 21 -
Revision A7
XTUP: Crystal Oscillator Warm-up Status. when set, this bit indicates CPU has detected clock to be
ready. Each time the crystal oscillator is restarted by exit from power down mode or the XTOFF bit
is set, hardware will clear this bit. This bit is set to 1 after a power-on reset. When this bit is
cleared, it prevents software from setting the XT/ RG bit to enable CPU operation from crystal
oscillator.
SPTA1: Serial Port 1 Transmit Activity. This bit is set during serial port 1 is currently transmitting data.
It is cleared when TI_1 bit is set by hardware. Changing the Clock Divide Control bits CD0, CD1
will be ignored when this bit is set to 1 and SWB = 1.
SPRA1: Serial Port 1 Receive Activity. This bit is set during serial port 1 is currently receiving a data. It is
cleared when RI_1 bit is set by hardware. Changing the Clock Divide Control bits CD0, CD1 will
be ignored when this bit is set to 1 and SWB = 1.
SPTA0: Serial Port 0 Transmit Activity. This bit is set during serial port 0 is currently transmitting data.
It is cleared when TI bit is set by hardware. Changing the Clock Divide Control bits CD0, CD1
will be ignored when this bit is set to 1 and SWB = 1.
SPRA0: Serial Port 0 Receive Activity. This bit is set during serial port 0 is currently receiving a data. It
is cleared when RI bit is set by hardware. Changing the Clock Divide Control bits CD0, CD1 will
be ignored when this bit is set to 1 and SWB = 1.
Timed Access
Bit:
7
6
5
4
3
2
1
0
TA.7
TA.6
TA.5
TA.4
TA.3
TA.2
TA.1
TA.0
Mnemonic: TA
Address: C7h
TA: The Timed Access register controls the access to protected bits. To access protected bits, the user
must first write AAH to the TA. This must be immediately followed by a write of 55H to TA.
Now a window is opened in the protected bits for three machine cycles, during which the user can
write to these bits.
Timer 2 Control
Bit:
7
6
5
4
3
2
1
0
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C T
/ 2
CP RL
/
2
Mnemonic: T2CON
Address: C8h
TF2:
Timer 2 overflow flag: This bit is set when Timer 2 overflows. It is also set when the count is
equal to the capture register in down count mode. It can be set only if RCLK and TCLK are both
0. It is cleared only by software. Software can also set or clear this bit.
EXF2: Timer 2 External Flag: A negative transition on the T2EX pin (P1.1) or timer 2 overflow will cause
this flag to set based on the
CP RL
/
2 , EXEN2 and DCEN bits. If set by a negative transition,
this flag must be cleared by software. Setting this bit in software or detection of a negative
transition on T2EX pin will force a timer interrupt if enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com