Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77LE58 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # W77LE58
Description  8-BIT MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W77LE58 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button W77LE58 Datasheet HTML 3Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 4Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 5Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 6Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 7Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 8Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 9Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 10Page - List of Unclassifed Manufacturers W77LE58 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
W77LE58/W77L058A
Publication Release Date: April 17, 20067
- 7 -
Revision A7
6. MEMORY ORGANIZATION
The W77L058 separates the memory into two separate sections, the Program Memory and the Data
Memory. The Program Memory is used to store the instruction op-codes, while the Data Memory is used
to store data or for memory mapped devices.
Program Memory
The Program Memory on the W77L058 can be up to 64 Kbytes long. There is also on-chip ROM which
can be used similarly to that of the 8052, except that the ROM size is 32 Kbytes. All instructions are
fetched for execution from this memory area. The MOVC instruction can also access this memory
region. Exceeding the maximum address of on-chip ROM will access the external memory.
Data Memory
The W77L058 can access up to 64Kbytes of external Data Memory. This memory region is accessed by
the MOVX instructions. Unlike the 8051 derivatives, the W77L058 contains on-chip 1K bytes MOVX
SRAM of Data Memory, which can only be accessed by MOVX instructions. These 1K bytes of SRAM
are between address 0000H and 03FFH. Access to the on-chip MOVX SRAM is optional under software
control. When enabled by software, any MOVX instruction that uses this area will go to the on-chip RAM.
MOVX addresses greater than 03FFH automatically go to external memory through Port 0 and 2. When
disabled, the 1KB memory area is transparent to the system memory map. Any MOVX directed to the
space between 0000H and FFFFH goes to the expanded bus on Port 0 and 2. This is the default
condition. In addition, the W77L058 has the standard 256 bytes of on-chip Scratchpad RAM. This can be
accessed either by direct addressing or by indirect addressing. There are also some Special Function
Registers (SFRs), which can only be accessed by direct addressing. Since the Scratchpad RAM is only
256 bytes, it can be used only when data contents are small. In the event that larger data contents are
present, two selections can be used. One is on-chip MOVX SRAM , the other is the external Data
Memory. The on-chip MOVX SRAM can only be accessed by a MOVX instruction, the same as that for
external Data Memory. However, the on-chip RAM has the fastest access times.
0000h
FFFFh
80h
7Fh
00h
64 K
Bytes
External
Data
Memory
Indirect
Addressing
RAM
Direct &
Indirect
Addressing
RAM
SFRs
Direct
Addressing
FFh
FFFFh
0000h
External
Program
Memory
7FFFh
32K Bytes
On-chip
Program
Memory
1K Bytes
On-chip SRAM
0000h
03FFh
Figure 1. Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com