| Electronic Components Datasheet Search |
|
CS53L30 Datasheet(PDF) 37 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS53L30 Datasheet(HTML) 37 Page - Cirrus Logic |
|
37 / 67 page ![]() DS992F2 37 CS53L30 4.15 QFN Thermal Pad Figure 4-20. Control Port Timing, I2C Reads with Preamble and Autoincrement The following pseudocode illustrates an aborted write operation followed by a single read operation. For multiple read operations, autoincrement would be set on (as is shown in Fig. 4-20). Send start condition. Send 10010100 (chip address and write operation). Receive acknowledge bit. Send MAP byte, autoincrement off. Receive acknowledge bit. Send stop condition, aborting write. Send start condition. Send 10010101 (chip address and read operation). Receive acknowledge bit. Receive byte, contents of selected register. Send acknowledge bit. Send stop condition. Note: The device interrupt status register (at address 0x36) and the register that immediately precedes it (the device interrupt mask register at address 0x35) must only be read individually and not as a part of an autoincremented control-port read. An autoincremented read of either register may clear the contents of the interrupt status register and return invalid interrupt status data. If an unmasked interrupt condition had caused INT to be asserted, INT may be unintentionally deasserted. Therefore, to avoid affecting interrupt status register contents, the autoincrement read must not include registers at addresses 0x35 and 0x36; these registers must only be read individually. 4.15 QFN Thermal Pad The underside of the compact QFN package reveals a large metal pad that serves as a thermal relief to provide for maximum heat dissipation. Internal to the package, all grounds are connected to the thermal pad. This pad must mate with an equally dimensioned copper pad on the PCB and must be electrically connected to ground. If necessary for thermal reasons, a series of vias can be used to connect this copper pad to one or more larger ground planes on other PCB layers. 5 Systems Applications This section describes the following system applications and considerations: • Octal mic array application (Section 5.1) • Power-up sequence (Section 5.2) • Quick-mute sequencing (Section 5.3) • Capture-path input considerations (Section 5.3) • MCLK jitter (Section 5.5) • Frequency response considerations (Section 5.6). SCL Chip Address (Write) MAP Byte Data START ACK STOP ACK ACK ACK SDA Chip Address (Read) START NO 16 8 9 12 13 14 15 4 5 6 7 0 1 20 21 22 23 24 26 27 28 2 3 10 11 17 18 19 25 ACK STOP MAP Addr = Z Addr = 1001010 Data Data SDA Source Master Master Master Pullup Slave Slave Slave Slave Slave Master Master Master Pullup Addr = 1001010 64 3 2 5 71 0 6 4 3 2 5 71 0 6 4 3 2 5 71 0 7 0 7 0 7 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |