Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS53L30 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 35Page - Cirrus Logic CS53L30 Datasheet HTML 36Page - Cirrus Logic CS53L30 Datasheet HTML 37Page - Cirrus Logic CS53L30 Datasheet HTML 38Page - Cirrus Logic CS53L30 Datasheet HTML 39Page - Cirrus Logic CS53L30 Datasheet HTML 40Page - Cirrus Logic CS53L30 Datasheet HTML 41Page - Cirrus Logic CS53L30 Datasheet HTML 42Page - Cirrus Logic CS53L30 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
DS992F2
39
CS53L30
5.2 Power-Up Sequence
The CS53L30 includes a synchronization protocol that can be used to minimize channel-to-channel phase mismatch
across multiple CS53L30s in a system, as long as the phase mismatch is not of the Class 1 type (i.e., deterministic, time
invariant). An external phase calibration is necessary to nullify deterministic, time-invariant phase, which is beyond the
scope of this document. The power-up sequence in Section 5.2 is for applications without critical phase criteria, but can
be modified to minimize the other three classes of phase mismatch. First, ensure that the SYNC pins are connected as
shown in Fig. 5-1, then follow the power-up sequence of Ex. 5-1 with the following modification: Set SYNC_EN in Step 6.1.
Follow the rest of the power-up sequence as described in Section 5.2.
The phase-mismatch specifications in Table 3-5 are guaranteed only with MCLK = 19.2 MHz, the sample rate set to
16 kHz, with an 8-kHz fullscale tone as input. Phase mismatch uncertainty and MCLK period are positively correlated.
5.1.2
Gain-Calibration Considerations
The CS53L30 has a tightly controlled interchannel gain mismatch specification and should meet the requirements of most
multichannel applications. The system designer must consider that, from channel to channel and from device to device,
variations exist due to external-component manufacturing tolerances and CS53L30 process variations. These gain
variations should be nullified for optimal operation. The calibration procedure is very application specific and is left to the
system designer. Any calibration should take the synchronous SRC gain versus sample-rate data in Table 4-4 into
consideration. This data implies that any change in sample rate or in MCLK that is subsequent to calibration may require
a recalibration with the new conditions or at least a scale factor for best results.
5.2 Power-Up Sequence
Ex. 5-1 is a procedure for initiating serial capture of audio data via TDM in Master Mode with a 19.2-MHz MCLK and
16-kHz LRCK.
Example 5-1. Power-Up Sequence
STEP TASK
1 Assert reset by driving the RESET pin low.
2 Apply power first to VP and then to VA.
3 Apply a supported MCLK signal.
4 Deassert reset by driving the RESET pin high.
5 Write the following register
to power down the device.
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
Power Control, Address 0x06
0x50
PDN_ULP
PDN_LP
DISCHARGE_FILT+
THMS_PDN
Reserved
0
1
0
1
0000
Ultralow power down is not enabled.
Power down is enabled.
FILT+ pin is not clamped to ground.
Thermal sense is powered down.
6 Write the following registers to configure MCLK and serial port settings.
STEP TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
6.1 Configure MCLK.
MCLK Control, Address 0x07
0x08
MCLK_DIS
MCLK_INT_SCALE
DMIC_DRIVE
Reserved
MCLK_DIV[1:0]
SYNC_EN
Reserved
0
0
0
0
10
0
0
Internal MCLK fanout is enabled.
Automatic MCLK scaling is disabled.
DMIC clock output drive strength is normal.
MCLKint = MCLKext/3.
Multichip synchronization is disabled.
6.2 Enable 19.2-MHz
MCLK, set internal FS
ratio.
Internal Sample Rate Control, Address 0x08
0x1D
Reserved
INTERNAL_FS_RATIO
Reserved
MCLK_19MHZ_EN
000
1
110
1
FSint = MCLKint/128.
MCLK is19.2 MHz.
6.3 Configure serial port. ASP Configuration Control, Address 0x0C
0x85
ASP_M/S
Reserved
ASP_SCLK_INV
ASP_RATE[3:0]
1
00
0
0101
Serial port is master.
ASP_SCLK polarity is not inverted.
FSext is 16 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com