Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8533 Datasheet(PDF) 4 Page - Cirrus Logic

Part # WM8533
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8533 Datasheet(HTML) 4 Page - Cirrus Logic

  WM8533 Datasheet HTML 1Page - Cirrus Logic WM8533 Datasheet HTML 2Page - Cirrus Logic WM8533 Datasheet HTML 3Page - Cirrus Logic WM8533 Datasheet HTML 4Page - Cirrus Logic WM8533 Datasheet HTML 5Page - Cirrus Logic WM8533 Datasheet HTML 6Page - Cirrus Logic WM8533 Datasheet HTML 7Page - Cirrus Logic WM8533 Datasheet HTML 8Page - Cirrus Logic WM8533 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
4
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
A1
AVDD
Supply
Analogue supply
A2
LINEOUTR
Analogue Out
Right line output
A3
LINEOUTL
Analogue Out
Left line output
A4
CPVOUTN
Analogue Out
Charge pump negative rail decoupling pin
A5
CPCB
Analogue Out
Charge pump fly back capacitor pin
B1
AGND
Supply
Analogue ground
B2
LINEREF
Analogue Input
Ground feedback from output jack
B3
VMID
Analogue Out
Analogue midrail decoupling pin
B4
LINEGND
Supply
Charge pump ground
B5
CPCA
Analogue Out
Charge pump fly back capacitor pin
I2C SOFTWARE
MODE
SPI SOFTWARE
MODE
HARDWARE
MODE
C1
SCLK/
AIFMODE1
Digital I/O
I
2C control interface
clock input pin
SPI control interface
clock input pin
AIFMODE [1:0]
00 = 24-bit LJ
01 = 24-bit I2S
10 = 16-bit RJ
11 = 24-bit RJ
C2
SDA/
AIFMODE0
Digital I/O
I
2C interface data input
pin
SPI control interface
data input pin
C3
CIFMODE
Digital In
Tri-Level
0 = select I
2C control
interface mode
1 = select SPI control
interface mode
Z = select hardware
mode
C4
DACDAT
Digital In
Digital audio interface data input
C5
LINEVDD
Supply
Charge pump supply
D1
CS
¯¯ / MUTE
¯¯¯¯¯
Digital In
I
2C address select:
0 = 0x34
1 = 0x36
SPI control interface
chip select
0 = Mute enabled
1 = Mute disabled
D2
MCLK
Digital In
Master clock
D3
BCLK
Digital I/O
Digital audio interface bit clock
D4
LRCLK
Digital I/O
Digital audio interface left/right clock
D5
DBVDD
Supply
Digital interface supply (for digital audio and I2C interfaces)
Note: Tri-level pins which require the ‘Z’ state to be selected should be left floating (open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com