Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS497014 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS497014 Datasheet HTML 3Page - Cirrus Logic CS497014 Datasheet HTML 4Page - Cirrus Logic CS497014 Datasheet HTML 5Page - Cirrus Logic CS497014 Datasheet HTML 6Page - Cirrus Logic CS497014 Datasheet HTML 7Page - Cirrus Logic CS497014 Datasheet HTML 8Page - Cirrus Logic CS497014 Datasheet HTML 9Page - Cirrus Logic CS497014 Datasheet HTML 10Page - Cirrus Logic CS497014 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
DS752F1
7
4.1.2 DMA Controller
The powerful 12-channel DMA controller can move data between 8 on-chip resources. Each resource has its
own arbiter: X, Y, and P RAM/ROMs on DSP A; X, Y, and P RAM/ROMs on DSP B; external memory; and the
peripheral bus. Modulo and linear addressing modes are supported, with flexible start address and increment
controls. The service interval for each DMA channel as well as up to 6 interrupt events, is programmable.
4.2 On-chip DSP Peripherals
4.2.1 Digital Audio Input Port (DAI)
The 12-channel (6-line) DAI port supports a wide variety of data input formats. The port is capable of accepting
PCM or IEC61937. Up to 32-bit word lengths are supported. Additionally, support is provided for audio data
input to the DSP via the DAI from an HDMI receiver.
The port has two independent slave-only clock domains. Each data input can be independently assigned to a
clock domain. The sample rate of the input clock domains can be determined automatically by the DSP, which
off-loads the task of monitoring the SPDIF receiver from the host. A time-stamping feature allows the input data
to be sample-rate converted via software.
4.2.2 Digital Audio Output Port (DAO)
There are two DAO ports. Each port can output 8 channels of up to 32-bit PCM data. The port supports data
rates from 32 kHz to 192 kHz. Each port can be configured as an independent clock domain in slave mode, or
the ratio of the two clocks can be set to even multiples of each other in master mode. The two ports can also be
ganged together into a single clock domain. Each port has one serial audio pin that can be configured as a
192-kHz SPDIF transmitter (data with embedded clock on a single line).
4.2.3 Serial Control Port 1 & 2 (I2C or SPI)
There are two on-chip serial control ports that are capable of operating as master or slave in either I2C or SPI
modes. SCP1 defaults to slave operation. It is dedicated for external host-control and supports an external
clock up to 50 MHz in SPI mode. This high clock speed enables very fast code download, control or data
delivery. SCP2 defaults to master mode and is dedicated for booting from external serial Flash memory or for
audio sub-system control.
4.2.4 External Memory Interface
The external memory interface controller supports up to 128 Mbits of SDRAM, using a 16-bit data bus.
4.2.5 General Purpose Input/Output (GPIO)
Many of the CS4970x4 peripheral pins are multiplexed with GPIO. Each GPIO can be configured as an output,
an input, or an input with interrupt. Each input-pin interrupt can be configured as rising edge, falling edge,
active-low, or active-high.
4.2.6 Phase-locked Loop (PLL)-based Clock Generator
The low-jitter PLL generates integer or fractional multiples of a reference frequency which are used to clock the
DSP core and peripherals. Through a second PLL divider chain, a dependent clock domain can be output on
the DAO port for driving audio converters. The CS4970x4 defaults to running from the external reference
frequency and can be switched to use the PLL output after overlays have been loaded and configured, either
Table 3. CS4970x4 DSP Memory Sizes
Memory
Type
DSP A
DSP B
X
16K SRAM, 32K ROM
10K SRAM, 8K ROM
Y
24K SRAM, 32K ROM
16K SRAM, 16K ROM
P
8K SRAM, 32K ROM
8K SRAM, 24K ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com