Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS497014 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS497014
Description  High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS497014 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS497014 Datasheet HTML 19Page - Cirrus Logic CS497014 Datasheet HTML 20Page - Cirrus Logic CS497014 Datasheet HTML 21Page - Cirrus Logic CS497014 Datasheet HTML 22Page - Cirrus Logic CS497014 Datasheet HTML 23Page - Cirrus Logic CS497014 Datasheet HTML 24Page - Cirrus Logic CS497014 Datasheet HTML 25Page - Cirrus Logic CS497014 Datasheet HTML 26Page - Cirrus Logic CS497014 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
CS4970x4 Data Sheet
32-bit High Definition Audio Decoder DSP Family
DS752F1
23
Figure 14. Digital Audio Output Timing, Slave Mode (Relationship LRCLK to SCLK)
5.17 Switching Characteristics — SDRAM Interface
Refer to Figure 15 through Figure 18.
(SD_CLKOUT = SD_CLKIN)
Parameter
Symbol
Min
Typical
Max
Unit
SD_CLKIN high time
tsdclkh
2.3
——
ns
SD_CLKIN low time
tsdclkl
2.3
——
ns
SD_CLKOUT rise/fall time
tsdclkrf
——
1ns
SD_CLKOUT Frequency
——
150
—
MHz
SD_CLKOUT duty cycle
—
45
—
55
%
SD_CLKOUT rising edge to signal valid
tsdcmdv
——
3.8
ns
Signal hold from SD_CLKOUT rising edge
tsdcmdh
—
1.1
—
ns
SD_CLKOUT rising edge to SD_DQMn valid
tsddqv
—
3.8
—
ns
SD_DQMn hold from SD_CLKOUT rising edge
tsddqh
1.38
——
ns
SD_DATA valid setup to SD_CLKIN rising edge
tsddsu
1.3
——
ns
SD_DATA valid hold to SD_CLKIN rising edge
tsddh
2.1
——
ns
SD_CLKOUT rising edge to ADDRn valid
tsdav
—
3.8
—
ns
DAO_SCLK
DAO_LRCLK
DAO_Dx
tdaoslrts
tdaosclk
DAO_SCLK
DAO_LRCLK
tdaosstlr
tdaosdv
tdaosclk
DAO_Dx
Note: In these diagrams, Falling edge is the inactive edge of DAO_SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com