Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8215 Datasheet(PDF) 5 Page - Cirrus Logic

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8215 Datasheet(HTML) 5 Page - Cirrus Logic

  WM8215 Datasheet HTML 1Page - Cirrus Logic WM8215 Datasheet HTML 2Page - Cirrus Logic WM8215 Datasheet HTML 3Page - Cirrus Logic WM8215 Datasheet HTML 4Page - Cirrus Logic WM8215 Datasheet HTML 5Page - Cirrus Logic WM8215 Datasheet HTML 6Page - Cirrus Logic WM8215 Datasheet HTML 7Page - Cirrus Logic WM8215 Datasheet HTML 8Page - Cirrus Logic WM8215 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
5
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Analogue supply voltage: AVDD
GND - 0.3V
GND + 4.2V
Digital supply voltages: DVDD1
 2
GND - 0.3V
GND + 4.2V
Digital ground: DGND
GND - 0.3V
GND + 0.3V
Analogue grounds: AGND1
 2
GND - 0.3V
GND + 0.3V
Digital inputs, digital outputs and digital I/O pins
GND - 0.3V
DVDD2 + 0.3V
Analogue inputs (RINP, GINP, BINP)
GND - 0.3V
AVDD + 0.3V
Other pins
GND - 0.3V
AVDD + 0.3V
Operating temperature range: TA
0C
+70C
Storage temperature after soldering
-65C
+150C
Notes:
1.
GND denotes the voltage of any ground pin.
2.
AGND1, AGND2 and DGND pins are intended to be operated at the same potential. Differential voltages
between these pins will degrade performance.
RECOMMENDED OPERATING CONDITIONS
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
Operating temperature range
TA
0
70
C
Analogue supply voltage
AVDD
2.97
3.3
3.63
V
Digital core supply voltage
DVDD1
2.97
3.3
3.63
V
Digital I/O supply voltage
DVDD2
2.97
3.3
3.63
V
Notes:
1.
DVDD2 should be operated at the same potential as DVDD1 ± 0.3V.
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Performance
Thermal resistance – junction to
case
RθJC
Tambient = 25°C
10.27
°C/W
Thermal resistance – junction to
ambient
RθJA
29.45
°C/W
Notes:
1.
Figures given are for package mounted on 4-layer FR4 according to JESD51-5 and JESD51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com