Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8215 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8215 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8215 Datasheet HTML 1Page - Cirrus Logic WM8215 Datasheet HTML 2Page - Cirrus Logic WM8215 Datasheet HTML 3Page - Cirrus Logic WM8215 Datasheet HTML 4Page - Cirrus Logic WM8215 Datasheet HTML 5Page - Cirrus Logic WM8215 Datasheet HTML 6Page - Cirrus Logic WM8215 Datasheet HTML 7Page - Cirrus Logic WM8215 Datasheet HTML 8Page - Cirrus Logic WM8215 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
w
WM8215
60MSPS 10-bit 3-Channel CCD Digitiser
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, September 2012, Rev 4.3
Copyright
2012 Wolfson Microelectronics plc.
DESCRIPTION
The WM8215 is a 10-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 60MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. The output from each of these
channels is time multiplexed into a single high-speed 10-bit
Analogue to Digital Converter. The digital output data is
available in 10-bit wide parallel format.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used to reference CIS signals, in
non-CDS mode or to clamp CCD signals during Reset Level
Clamping. An external reference level may also be supplied.
ADC references are generated internally, ensuring optimum
performance from the device.
Using an analogue supply voltage of 3.3V and a digital
interface supply of 3.3V, the WM8215 typically only
consumes 400mW.
FEATURES
10-bit ADC
60MSPS conversion rate
Low power – 400mW typical
3.3V single supply operation
3 channel operation
Correlated double sampling
Programmable gain (9-bit resolution)
Programmable offset adjust (8-bit resolution)
Flexible clamp timing
Programmable clamp voltage
Internally generated voltage references
32-lead QFN package
Serial control interface
APPLICATIONS
Digital Copiers
USB2.0 compatible scanners
Multi-function peripherals
High-speed CCD/CIS sensor interface
BLOCK DIAGRAM


Similar Part No. - WM8215

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8215 WOLFSON-WM8215 Datasheet
620Kb / 31P
60MSPS 10-bit 3-Channel CCD Digitiser
WM8215CSEFL WOLFSON-WM8215CSEFL Datasheet
620Kb / 31P
60MSPS 10-bit 3-Channel CCD Digitiser
WM8215CSEFL/R WOLFSON-WM8215CSEFL/R Datasheet
620Kb / 31P
60MSPS 10-bit 3-Channel CCD Digitiser
More results

Similar Description - WM8215

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8214 WOLFSON-WM8214 Datasheet
441Kb / 35P
40MSPS 16 BIT CCD DIGITISER
WM8199 WOLFSON-WM8199 Datasheet
358Kb / 30P
20MSPS 16-bit CCD Digitiser
WM8199 WOLFSON-WM8199_07 Datasheet
388Kb / 32P
20MSPS 16-bit CCD Digitiser
WM8214 WOLFSON-WM8214_07 Datasheet
486Kb / 36P
40MSPS 16-bit CCD Digitiser
WM8216 WOLFSON-WM8216_07 Datasheet
490Kb / 27P
60MSPS 10-bit 2-channel CCD Digitiser
WM8213 WOLFSON-WM8213 Datasheet
677Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8213 WOLFSON-WM8213_08 Datasheet
671Kb / 38P
24MSPS 16-bit CCD Digitiser
WM8215 WOLFSON-WM8215 Datasheet
620Kb / 31P
60MSPS 10-bit 3-Channel CCD Digitiser
logo
Cirrus Logic
WM8199 CIRRUS-WM8199 Datasheet
473Kb / 32P
20MSPS 16-bit CCD Digitiser
WM8214 CIRRUS-WM8214 Datasheet
625Kb / 36P
40MSPS 16-bit CCD Digitiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com