Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8232 Datasheet(PDF) 79 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 75Page - Cirrus Logic WM8232 Datasheet HTML 76Page - Cirrus Logic WM8232 Datasheet HTML 77Page - Cirrus Logic WM8232 Datasheet HTML 78Page - Cirrus Logic WM8232 Datasheet HTML 79Page - Cirrus Logic WM8232 Datasheet HTML 80Page - Cirrus Logic WM8232 Datasheet HTML 81Page - Cirrus Logic WM8232 Datasheet HTML 82Page - Cirrus Logic WM8232 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 141 page
background image
WM8232
Rev 4.6
79
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R47 (2Fh)
AGAIN IN1
4:0
AGAININ1[4:0]
0_0001
PGA IN1 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 2Fh AGAIN IN1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R50 (32h)
AGAIN IN2
4:0
AGAININ2[4:0]
0_0001
PGA IN2 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 32h AGAIN IN2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R53 (35h)
AGAIN IN3
4:0
AGAININ3[4:0]
0_0001
PGA IN3 gain code
gain(V/V) = 0.6 + 0.3*AGAIN*[4:0]
Register 35h AGAIN IN3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R58 (3Ah)
DGAIN IN1
LSB
7:4
DGAININ1[3:0]
0000
lower bits of digital gain IN1
1111_1111_1111_1111 = 1.99[V/V]
...
1000_0000_0000_0000 = 1.0[V/V]
...
0100_0000_0000_0000 = 0.5[V/V]
0011_1111_1111_1111 = reserved
…
0000_0000_0000_0000 = reserved
Register 3Ah DGAIN IN1 LSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R59 (3Bh)
DGAIN IN1
MSB
7:0
DGAININ1[11:4]
1000_0000
upper bits of digital gain IN1
1111_1111_1111_1111 = 1.99[V/V]
...
1000_0000_0000_0000 = 1.0[V/V]
...
0100_0000_0000_0000 = 0.5[V/V]
0011_1111_1111_1111 = reserved
…
0000_0000_0000_0000 = reserved
Register 3Bh DGAIN IN1 MSB
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R64 (40h)
DGAIN IN2
7:4
DGAININ2[3:0]
0000
lower bits of digital gain IN2
1111_1111_1111_1111 = 1.99[V/V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com