Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8232 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 7Page - Cirrus Logic WM8232 Datasheet HTML 8Page - Cirrus Logic WM8232 Datasheet HTML 9Page - Cirrus Logic WM8232 Datasheet HTML 10Page - Cirrus Logic WM8232 Datasheet HTML 11Page - Cirrus Logic WM8232 Datasheet HTML 12Page - Cirrus Logic WM8232 Datasheet HTML 13Page - Cirrus Logic WM8232 Datasheet HTML 14Page - Cirrus Logic WM8232 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 141 page
background image
WM8232
Rev 4.6
11
INTERNAL POWER ON RESET CIRCUIT
Power On Reset
Circuit
AVDD
INTERNAL PORB
VDD
GND
AGND
LDOOUT
T
Figure 1 Internal Power On Reset Circuit Schematic
The WM8232 includes an internal Power-On-Reset Circuit, as shown in Figure 1, which is used reset
the digital logic into a default state after power up. The POR circuit is powered from AVDD and
monitors LDOOUT. It asserts PORB low if AVDD or LDOOUT is below a minimum threshold.
LDOOUT
AVDD
Vpord_on
LDOGND
AGND
Internal POR active
LO
HI
Device Ready
Internal
POR active
No Power
POR
Undefined
Vpora_off
Vpora
INTERNAL PORB
Figure 2 Typical Power up Sequence where AVDD is Powered before LDOOUT
Figure 2 shows a typical power-up sequence where AVDD is powered up first. When AVDD rises
above the minimum threshold, Vpora, there is enough voltage for the circuit to guarantee PORB is
asserted low and the chip is held in reset. In this condition, all writes to the control interface are
ignored. When LDOOUT rises to Vpord_on, PORB is released high and all registers are in their
default state and writes to the control interface may take place. On power down, where AVDD falls
first, PORB is asserted low whenever AVDD drops below the minimum threshold Vpora_off.
SYMBOL
MIN
TYP
MAX
UNIT
Vpora
0.4
0.6
0.8
V
Vpora_off
0.4
0.6
0.8
V
Vpord_on
0.5
0.7
0.9
V
Table 1 Typical POR Operation (typical values, not tested)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com